Selected language     English  ▼


TDA4865J Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA4865J
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
5 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
In parallel with the deflection coil a damping resistor RP and an RC combination
(RS1 = 5.6 Ω and CS1 = 100 nF) are needed. Furthermore, another additional
RC combination (RS2 = 5.6 Ω and CS2 = 47 nF to 150 nF) can be used to minimize the
noise effect and the flyback time (see Figure 7 and Figure 8).
8.
Internal circuitry
Table 4.
Internal circuits
Symbol
Pin
Equivalent circuit
TDA4865J
VP1
1
VFB
2
VP2
3
GND
4
VOUT
5
INN
6
INP
7
TDA4865AJ
VP1
1
VP3
2
VP2
3
GND
4
VOUT
5
INN
6
INP
7
001aad300
TDA4865J
7
INP
INN
VOUT
GND
VP2
VP1
VFB
65
4
3
2
1
001aad301
TDA4865AJ
7
INP
INN
VOUT
GND
VP2
VP1
VP3
65
4
3
2
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-110Vertical Deflection Output Circuit for CTV and CRT Displays 1 2 3 4 5 Sanyo Semicon Device
2SD575For Horizontal Deflection Output Use of Color TV 1 List of Unclassifed Manufacturers
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-210Vertical Deflection Output Circuit for CTV and CRT Displays  1 2 3 4 Sanyo Semicon Device
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl