Selected language     English  ▼


TDA4865J Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4865J
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
6 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
9.
Limiting values
[1]
Internally limited by thermal protection; will be activated for Tj ≥ 150 °C.
[2]
Class C according to EIA/JESD22-A115-A.
[3]
Class 3A according to JESD22-A114C.01.
10. Thermal characteristics
[1]
To minimize the thermal resistance from mounting base to heat sink [Rth(mb-h)] follow the recommended mounting instruction: screw
mounting preferred; torque = 40 Ncm; use heat sink compound; isolation plate increases Rth(mb-h).
11. Characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages referenced to pin GND; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VP1
supply voltage 1
-
40
V
VP2
supply voltage 2
-
70
V
VFB
flyback supply voltage of TDA4865J
-
70
V
VP3
flyback generator output voltage of TDA4865AJ
0
VP1 +3
V
Vi(INN)
input voltage on pin INN
-
VP1
V
Vi(INP)
input voltage on pin INP
-
VP1
V
Vo(VOUT)
output voltage on pin VOUT
-
72
V
IP2
supply current 2
-
±2.0
A
Io(VOUT)
output current on pin VOUT
[1] -
±2.0
A
IVFB
current during flyback of TDA4865J
-
±2.0
A
IVP3
current during flyback of TDA4865AJ
-
±2.0
A
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+75
°C
Tj
junction temperature
[1] -
150
°C
Vesd
electrostatic discharge voltage
machine model
[2]
−400
+400
V
human body model
[3]
−4000
+4000
V
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-mb)
thermal resistance from junction to mounting base
[1] 4
K/W
Table 7.
Characteristics
VP1 = 25 V; Tamb = 25 °C; voltages referenced to pin GND; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VP1
supply voltage 1
9
-
35
V
VP2
supply voltage 2
VP1 − 1
-
70
V
VFB
flyback supply voltage of
TDA4865J
VP1 − 1
-
70
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-110Vertical Deflection Output Circuit for CTV and CRT Displays 1 2 3 4 5 Sanyo Semicon Device
2SD575For Horizontal Deflection Output Use of Color TV 1 List of Unclassifed Manufacturers
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-210Vertical Deflection Output Circuit for CTV and CRT Displays  1 2 3 4 Sanyo Semicon Device
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl