Selected language     English  ▼


TDA4865J Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA4865J
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
7 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
[1]
Deviation of the output slope at a constant input slope.
VP3
flyback generator output voltage of
TDA4865AJ
IVOUT = −1.9 A
0
-
VP1 + 2.2
V
IP1
supply current 1
during scan
-
6
10
mA
IP2
quiescent supply current 2
IVOUT =0
-
25
60
mA
Differential input stage
Vi(INN)
input voltage on pin INN
1.6
-
VP1 − 0.5
V
Vi(INP)
input voltage on pin INP
1.6
-
VP1 − 0.5
V
Iq(INN)
input quiescent current on pin INN
-
−100
−500
nA
Iq(INP)
input quiescent current on pin INP
-
−100
−500
nA
Flyback generator
IVFB
current during flyback of
TDA4865J
--
±1.9
A
IVP3
current during flyback of
TDA4865AJ
--
±1.9
A
VVP2-VFB(r)
reverse voltage drop during flyback
of TDA4865J
IVOUT = −1A
-
−2-
V
IVOUT = −1.25 A
-
−2.2
-
V
IVOUT = −1.9 A
-
−2.7
-
V
VVP2-VFB(f)
forward voltage drop during flyback
of TDA4865J
IVOUT =1A
-
1.5
-
V
IVOUT = 1.25 A
-
1.7
-
V
IVOUT = 1.9 A
-
2.1
-
V
VVP3-VP1(r)
reverse voltage drop during flyback
of TDA4865AJ
IVOUT = −1A
-
−2-
V
IVOUT = −1.25 A
-
−2.2
-
V
IVOUT = −1.9 A
-
−2.7
-
V
VVP3-VP1(f)
forward voltage drop during flyback
of TDA4865AJ
IVOUT =1A
-
1.5
-
V
IVOUT = 1.25 A
-
1.7
-
V
IVOUT = 1.9 A
-
2.1
-
V
Vertical output stage; see Figure 5
IVOUT
vertical deflection output current
-
-
±1.9
A
IVOUT(p-p)
vertical deflection output current
(peak-to-peak value)
-
-
3.8
A
Vo(sat)n
output saturation voltage to ground IVOUT = 1 A
-
1.3
1.7
V
IVOUT = 1.25 A
-
1.5
2.3
V
IVOUT = 1.9 A
-
2.6
3.0
V
Vo(sat)p
output saturation voltage to VP2
IVOUT =1A
−2.3
−2.0
-
V
IVOUT = 1.25 A
−2.8
−2.2
-
V
IVOUT = 1.9 A
−3.5
−2.6
-
V
LIN
non-linearity of output signal
[1] --1
%
Table 7.
Characteristics …continued
VP1 = 25 V; Tamb = 25 °C; voltages referenced to pin GND; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-110Vertical Deflection Output Circuit for CTV and CRT Displays 1 2 3 4 5 Sanyo Semicon Device
2SD575For Horizontal Deflection Output Use of Color TV 1 List of Unclassifed Manufacturers
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-210Vertical Deflection Output Circuit for CTV and CRT Displays  1 2 3 4 Sanyo Semicon Device
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl