Selected language     English  ▼


TDA4865J Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. TDA4865J
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 8 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
8 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
12. Application information
(1) VFB for TDA4865J; 2VP1 for TDA4865AJ.
Fig 5.
Timing diagram
t
input signal
on pin INN
t
input signal
on pin INP
t
output voltage
on pin VOUT
VFB(1)
VP1
GND
t
deflection current
through the coil
001aab327
Fig 6.
Application diagram with TDA4865J for external guard signal generation
> 1 kΩ
3.3 k
2.2
vertical
output
signal
1N4448
VFB
BC548
BC556
guard output
HIGH = error
VOUT
220 k
22
µF
VF
VP
001aad302
TDA4865J




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-110Vertical Deflection Output Circuit for CTV and CRT Displays 1 2 3 4 5 Sanyo Semicon Device
2SD575For Horizontal Deflection Output Use of Color TV 1 List of Unclassifed Manufacturers
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-210Vertical Deflection Output Circuit for CTV and CRT Displays  1 2 3 4 Sanyo Semicon Device
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl