Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4865J Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA4865J
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4865J Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA4865J Datasheet HTML 10Page - NXP Semiconductors TDA4865J Datasheet HTML 11Page - NXP Semiconductors TDA4865J Datasheet HTML 12Page - NXP Semiconductors TDA4865J Datasheet HTML 13Page - NXP Semiconductors TDA4865J Datasheet HTML 14Page - NXP Semiconductors TDA4865J Datasheet HTML 15Page - NXP Semiconductors TDA4865J Datasheet HTML 16Page - NXP Semiconductors TDA4865J Datasheet HTML 17Page - NXP Semiconductors TDA4865J Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
14 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
13. Package outline
Fig 12. Package outline SOT524-1 (DBS7P)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
2. Plastic surface within circle area D1 may protrude 0.04 mm maximum.
SOT524-1
0
10 mm
5
scale
w M
bp
Dh
q1
Z
17
e
e1
m
e2
x
A2
non-concave
D1
D
P
k
q2
L3
L2
L
Qc
E
00-07-03
03-03-12
DBS7P: plastic DIL-bent-SIL power package; 7 leads (lead length 12/11 mm); exposed die pad
SOT524-1
view B: mounting base side
B
UNIT
bp
L1
cD(1)
Dh
Lq2
mm
2.7
2.3
A2
(2)
0.80
0.65
0.58
0.48
13.2
12.8
D1
(2)
6.2
5.8
3.5
Eh
3.5
e
2.54
e1
1.27
e2
5.08
4.85
Q
E(1)
14.7
14.3
Z(1)
2.92
2.37
11.4
10.0
L2
6.7
5.5
L3
4.5
3.7
3.4
3.1
1.15
0.85
q
17.5
16.3
q1
2.8
m
0.8
v
3.8
3.6
3
2
12.4
11.0
P
k
0.02
x
0.3
w
Eh
L1
q
v M


Similar Part No. - TDA4865J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4865J NXP-TDA4865J Datasheet
119Kb / 18P
   Vertical deflection booster
Rev. 02-3 November 2006
More results

Similar Description - TDA4865J

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3032XL-5PC44C XILINX-XCR3032XL-5PC44C Datasheet
85Kb / 8P
   System frequencies up to 200 MHz
logo
Fairchild Semiconductor
TDA1170 FAIRCHILD-TDA1170 Datasheet
390Kb / 15P
   TV VERTICAL DEFLECTION SYSTEMS
logo
Sanyo Semicon Device
LA7835 SANYO-LA7835 Datasheet
80Kb / 5P
   Vertical Deflection Output Circuit with Driver for Color TV Use
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
NXP Semiconductors
EA53 PHILIPS-EA53 Datasheet
158Kb / 7P
   MEASURING DIODE FOR FREQUENCIES UP TO 1000 MC/S
9.9.1962
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
logo
List of Unclassifed Man...
2SD575 ETC-2SD575 Datasheet
20Kb / 1P
   For Horizontal Deflection Output Use of Color TV
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com