Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4865J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4865J
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4865J Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4865J Datasheet HTML 1Page - NXP Semiconductors TDA4865J Datasheet HTML 2Page - NXP Semiconductors TDA4865J Datasheet HTML 3Page - NXP Semiconductors TDA4865J Datasheet HTML 4Page - NXP Semiconductors TDA4865J Datasheet HTML 5Page - NXP Semiconductors TDA4865J Datasheet HTML 6Page - NXP Semiconductors TDA4865J Datasheet HTML 7Page - NXP Semiconductors TDA4865J Datasheet HTML 8Page - NXP Semiconductors TDA4865J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
2 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
4.
Ordering information
5.
Block diagram
IP2
quiescent supply
current 2
IVOUT =0
-
25
60
mA
IVOUT(p-p)
vertical deflection output
current
(peak-to-peak value)
-
-
3.8
A
Tamb
ambient temperature
−20
-
+75
°C
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type
number
Package
Name
Description
Version
TDA4865J
DBS7P
plastic DIL-bent-SIL power package; 7 leads
(lead length 12/11 mm); exposed die pad
SOT524-1
TDA4865AJ
Fig 1.
Block diagram of TDA4865J
001aad296
RS1 CS1
RP
C1
D1
TDA4865J
R3
R2
R1
C2
C4
R4
7
INP
INN
deflection
coil
from
deflection controller
VOUT
GND
VP2
VN
VF
VP
VP1
VFB
65
4
3
2
1
DIFFERENTIAL
INPUT
STAGE
VERTICAL
OUTPUT
FLYBACK
GENERATOR
REFERENCE
CIRCUIT
THERMAL
PROTECTION


Similar Part No. - TDA4865J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4865J NXP-TDA4865J Datasheet
119Kb / 18P
   Vertical deflection booster
Rev. 02-3 November 2006
More results

Similar Description - TDA4865J

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3032XL-5PC44C XILINX-XCR3032XL-5PC44C Datasheet
85Kb / 8P
   System frequencies up to 200 MHz
logo
Fairchild Semiconductor
TDA1170 FAIRCHILD-TDA1170 Datasheet
390Kb / 15P
   TV VERTICAL DEFLECTION SYSTEMS
logo
Sanyo Semicon Device
LA7835 SANYO-LA7835 Datasheet
80Kb / 5P
   Vertical Deflection Output Circuit with Driver for Color TV Use
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
NXP Semiconductors
EA53 PHILIPS-EA53 Datasheet
158Kb / 7P
   MEASURING DIODE FOR FREQUENCIES UP TO 1000 MC/S
9.9.1962
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
logo
List of Unclassifed Man...
2SD575 ETC-2SD575 Datasheet
20Kb / 1P
   For Horizontal Deflection Output Use of Color TV
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com