Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOHC-SC1321JP Datasheet(PDF) 1 Page - ITT Industries

Part # FOHC-SC1321JP
Description  Fiber Optic Contacts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FOHC-SC1321JP Datasheet(HTML) 1 Page - ITT Industries

  FOHC-SC1321JP Datasheet HTML 1Page - ITT Industries FOHC-SC1321JP Datasheet HTML 2Page - ITT Industries FOHC-SC1321JP Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.ittcannon.com
296
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
Fiber Optic Contacts
FOHC
Standard MIL-Spec Connector
Fiber Optic Contact Performance Data
ITT Cannon fiber optic contacts...a standard in
the industry. We offer the most complete line of
fiber
optic
contacts,
engineered
to
fit
today's
MIL-Spec circular, rack and panel, edgecard/LRM,
and D Subminiature connectors.
Conforms to MIL-T-29504 fiber optic termini.
Fits any size 16 cavity with no modification to
connector.
Designed for use with standard size 16 contact
insertion/extraction tool.
Both pin and socket contact end faces are easily
cleaned.
Durability
Standard Connector
MIL-C-38999 Series I
MIL-T-29504/5
KJL
KJA
KPSE
PV7
PVA
HTMF
DPK
KFS
BKAD
BKW
1-29
1-29
1-31
1-31
1-31
1-52
Up to 64
Up to 8
Up to 6
Up to 30
MIL-T-29504/11
MIL-T-29504/10
MIL-T-29504/9
MIL-T-29504/8
MIL-T-29504/7
MIL-T-29504/6
MIL-T-29504/4
MIL-C-38999 Series III
MIL-C-38999 SeriesIV
MIL-C-26482 Series I
MIL-C-26482 Series II
MIL-C-83723 Series I
MIL-C-83723 Series III
MIL-C-83733
MIL-C-28840
ARINC 600
MIL-C-83527
Cannon Designator
Socket (Body)
Pin (Body)
Fiber Optic Contact
Number of Size #16
Cavities Available
Dependent Upon Shell Size
< 0.5 dB change after 500 matings
< 0.5 dB change during and after test
< 0.5 dB change during and after test
Typical 1.0 dB using 100/140 micron fiber-tested per EIA
FOTP-34, Method A
- 65˚C to + 200˚C (Cable/contact dependent)
Temperature Shock
Operating Temperature
Vibration, random
Optical Loss Performance
(16 hrs/MIL-C-38999)


Similar Description - FOHC-SC1321JP

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
   Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
KODENSHI_AUK CORP.
KOP-1001A KODENSHI-KOP-1001A Datasheet
174Kb / 1P
   Fiber Optic Transmitter
KOP-1021A KODENSHI-KOP-1021A Datasheet
181Kb / 1P
   Fiber Optic Receiver
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
   Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
   Fiber Optic Transmitter
MOF-T3K3 UOT-MOF-T3K3 Datasheet
55Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF500 OPTEK-OPF500_14 Datasheet
222Kb / 5P
   Fiber Optic Receiver
OPF670-1 OPTEK-OPF670-1_14 Datasheet
331Kb / 2P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com