Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPD0250CT-001-B1MFAN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # XPD0250CT-001-B1MFAN
Description  2.5 Gbps PIN-TIA module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XPD0250CT-001-B1MFAN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  XPD0250CT-001-B1MFAN Datasheet HTML 1Page - List of Unclassifed Manufacturers XPD0250CT-001-B1MFAN Datasheet HTML 2Page - List of Unclassifed Manufacturers XPD0250CT-001-B1MFAN Datasheet HTML 3Page - List of Unclassifed Manufacturers XPD0250CT-001-B1MFAN Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.5 Gbps PIN-TIA module
XPD0250CT-001
XL Photonics, Inc.
1
FEATURES
Wide dynamic range, typically 6
µW to 1.7mW (p-p)
Differential transimpedance of 4㏀
Bandwidth from DC to 1.9GHz
Differential outputs
On-chip Automatic Gain Control(AGC)
Single supply voltage 3.3V
Remains linear up to 1.7mW(p-p) input current(unclipped)
AGC CHARACTERISTICS
The XPD0250CT-001 can handle input optical power from 6
µW to 1.7mW which is equivalent to a
dynamic range of 49dB. At low input optical power, the transimpedance gain ZT must be high to
obtain enough output voltage, and the noise should be low enough to guarantee a minimum bit error
rate. The transimpedance is regulated from 4 ㏀ at low input optical power (Po<30
µW) to 80Ωat
high power (Po =1.7mW).
APPLICATIONS
Digital fiber optic receiver in short, medium and long haul optical telecommunications
transmission systems or in high speed data networks
Wide-band RF gain block
ELECTRICAL CHARACTERISTICS (TC = 25℃)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Power supply voltage
VCC
-
3.0
3.3
3.3
V
Power supply current
ICC
-
26
37
mA
Photodiode bias voltage*
VPD
-
3.3
5
V
Transimpedance
ZT
RL=50Ω, measured
differenctially, AC coupled
4
KΩ
3dB Bandwidth
f3dB
Pin=-10dBm
1.7
1.9
GHz
Transimpedence gain deviation
Δ
ZT
f=1MHz to 1.8GHz
2
dB
Electrical return loss
LE
-
-10
dB
Responsivity
R
λ
= 1550nm
0.85
A/W
Output impedence
ZO
-
50
* Photodiode bias is necessary only for 5 pin type module.


Similar Part No. - XPD0250CT-001-B1MFAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAB ETC2-XPD0250CT-003-A1MFAB Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAF ETC2-XPD0250CT-003-A1MFAF Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAN ETC2-XPD0250CT-003-A1MFAN Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFPB ETC2-XPD0250CT-003-A1MFPB Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
More results

Similar Description - XPD0250CT-001-B1MFAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Source Photonics, Inc.
T-11-2500-D-SSC SOURCE-T-11-2500-D-SSC Datasheet
692Kb / 3P
   2.5 Gbps PIN-TIA Reciever Module-ROSA (5V)
logo
List of Unclassifed Man...
MG2C-8012 ETC-MG2C-8012 Datasheet
193Kb / 2P
   2.5 Gbps 850 nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
   2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-2500A-R-SFC SOURCE-T-11-2500A-R-SFC Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com