Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN7529MX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7529MX
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7529MX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7529MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7529MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7529 Rev. 1.0.0
3
Pin Assignments
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1INV
This pin is the inverting input of the error amplifier. The output voltage of the boost PFC
converter should be resistively divided to 2.5V.
2COMP
This pin is the output of the transconductance error amplifier. Components for output
voltage compensation should be connected between this pin and GND.
3MOT
This pin is used to set the slope of the internal ramp. The voltage of this pin is main-
tained at 2.9V. If a resistor is connected between this pin and GND, current flows out of
the pin and the slope of the internal ramp is proportional to this current.
4CS
This pin is the input of the over-current protection comparator. The MOSFET current is
sensed using a sensing resistor and the resulting voltage is applied to this pin. An
internal RC filter is included to filter switching noise.
5ZCD
This pin is the input of the zero current detection block. If the voltage of this pin goes
higher than 1.5V, then goes lower than 1.4V, the MOSFET is turned on.
6GND
This pin is used for the ground potential of all the pins. For proper operation, the signal
ground and the power ground should be separated.
7OUT
This pin is the gate drive output. The peak sourcing and sinking current levels are
+500mA and -800mA respectively. For proper operation, the stray inductance in the
gate driving path must be minimized.
8VCC
This pin is the IC supply pin. IC current and MOSFET drive current are supplied using
this pin.
FAN7529
6
5
8
7
V
CC
OUT
GND
ZCD
1
2
3
4
COMP
CS
MOT
INV
YWW
FAN7529 Rev. 00


Similar Part No. - FAN7529MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529MX FAIRCHILD-FAN7529MX Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

Similar Description - FAN7529MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
logo
Alpha & Omega Semicondu...
AOZ7111 AOSMD-AOZ7111 Datasheet
912Kb / 15P
   Critical Conduction Mode PFC Controller
logo
Fairchild Semiconductor
FAN7530 FAIRCHILD-FAN7530 Datasheet
2Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930C ONSEMI-FAN7930C Datasheet
982Kb / 22P
   Critical Conduction Mode PFC Controller
December-2017, Rev. 3
logo
Fairchild Semiconductor
FAN7930MX FAIRCHILD-FAN7930MX Datasheet
1Mb / 22P
   FAN7930 Critical Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com