Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5398BCPZ-WP Datasheet(PDF) 11 Page - Analog Devices

Part # AD5398BCPZ-WP
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5398BCPZ-WP Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5398BCPZ-WP Datasheet HTML 7Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 8Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 9Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 10Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 11Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 12Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 13Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 14Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD5398
Rev. A | Page 11 of 16
PD
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
00
SCL
SDA
START BY
MASTER
ACK BY
AD5398
11
91
ACK BY
AD5398
ACK BY
AD5398
STOP BY
MASTER
FRAME 3
LEAST SIGNIFICANT
DATA BYTE
FRAME 2
MOST SIGNIFICANT
DATA BYTE
FRAME 1
SERIAL BUS
ADDRESS BYTE
0
1
1
X
X
R/W
9
Figure 17. Write Operation
PD
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
00
SCL
SDA
START BY
MASTER
ACK BY
AD5398
11
91
ACK BY
AD5398
ACK BY
AD5398
STOP BY
MASTER
FRAME 3
LEAST SIGNIFICANT
DATA BYTE
FRAME 2
MOST SIGNIFICANT
DATA BYTE
FRAME 1
SERIAL BUS
ADDRESS BYTE
0
1
1
X
X
R/W
9
Figure 18. Read Operation
Table 6. Data Format
1
Serial Data-Words
High Byte
Low Byte
Serial Data Bits
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
SD7
SD6
SD5
SD4
SD3
SD2
SD1
SD0
Input Register
R15
R14
R13
R12
R11
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
R0
Function
PD
X
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
1 PD = soft power-down; X = unused/don’t care; D9 to D0 = DAC data
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in an application, it is beneficial to
consider power supply and ground return layout on the PCB.
The PCB for the AD5398 should have separate analog and
digital power supply sections. Where shared AGND and DGND
is necessary, the connection of grounds should be made at only
one point, as close as possible to the AD5398.
Special attention should be paid to the layout of the AGND
return path and track between the voice coil motor and ISINK to
minimize any series resistance. Figure 19 shows the output
current sink of the AD5398 and illustrates the importance of
reducing the effective series impedance of AGND, and the track
resistance between the motor and ISINK. The voice coil is
modeled as inductor LC and resistor RC. The current through
the voice coil is effectively a dc current that results in a voltage
drop, VC, when the AD5398 is sinking current; the effect of any
series inductance is minimal. The maximum voltage drop
allowed across RSENSE is 400 mV, and the minimum drain to
source voltage of Q1 is 200 mV. This means that the AD5398
output has a compliance voltage of 600 mV. If VDROP falls below
600 mV, the output transistor, Q1, can no longer operate
properly and ISINK might not be maintained as a constant.
7
AGND
VG
Q1
GROUND
RESISTANCE
GROUND
INDUCTANCE
8
ISINK
RSENSE
3.3
Ω
RG
LG
VDROP
VT
VC
VBAT
RT
RC
LC
TRACE
RESISTANCE
VOICE
COIL
ACTUATOR
Figure 19. Effect of PCB Trace Resistance and Inductance


Similar Part No. - AD5398BCPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398A-WAFER AD-AD5398A-WAFER Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398ABCBZ-REEL AD-AD5398ABCBZ-REEL Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results

Similar Description - AD5398BCPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com