Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7746ARUZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7746ARUZ-REEL7
Description  24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7746ARUZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7746ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 11Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 12Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 13Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 14Page - Analog Devices AD7746ARUZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7745/AD7746
Rev. 0| Page 11 of 28
OUTPUT NOISE AND RESOLUTION SPECIFICATIONS
The AD7745/AD7746 resolution is limited by noise. The noise
performance varies with the selected conversion time.
Table 5 shows typical noise performance and resolution for the
capacitive channel. These numbers were generated from 1000
data samples acquired in continuous conversion mode, at an
excitation of 32 kHz, ±VDD/2, and with all CIN and EXC pins
connected only to the evaluation board (no external capacitors.)
Table 6 and Table 7 show typical noise performance and
resolution for the voltage channel. These numbers were
generated from 1000 data samples acquired in continuous
conversion mode with VIN pins shorted to ground.
RMS noise represents the standard deviation and p-p noise
represents the difference between minimum and maximum
results in the data. Effective resolution is calculated from rms
noise, and p-p resolution is calculated from p-p noise.
Table 5. Typical Capacitive Input Noise and Resolution vs. Conversion Time
Conversion
Time (ms)
Output Data
Rate (Hz)
–3dB Frequency
(Hz)
RMS Noise
(aF/√Hz)
RMS
Noise (aF)
P-P
Noise (aF)
Effective Resolution
(Bits)
P-P Resolution
(Bits)
11.0
90.9
87.2
4.3
40.0
212.4
17.6
15.2
11.9
83.8
79.0
3.1
27.3
137.7
18.2
15.9
20.0
50.0
43.6
1.8
12.2
82.5
19.4
16.6
38.0
26.3
21.8
1.6
7.3
50.3
20.1
17.3
62.0
16.1
13.8
1.5
5.4
33.7
20.5
17.9
77.0
13.0
10.5
1.5
4.9
28.3
20.7
18.1
92.0
10.9
8.9
1.5
4.4
27.8
20.8
18.2
109.6
9.1
8.0
1.5
4.2
27.3
20.9
18.2
Table 6. Typical Voltage Input Noise and Resolution vs. Conversion Time, Internal Voltage Reference
Conversion
Time (ms)
Output Data
Rate (Hz)
–3dB Frequency
(Hz)
RMS Noise
(µV)
P-P Noise
(µV)
Effective Resolution
(Bits)
P-P Resolution
(Bits)
20.1
49.8
26.4
11.4
62
17.6
15.2
32.1
31.2
15.9
7.1
42
18.3
15.7
62.1
16.1
8.0
4.0
28
19.1
16.3
122.1
8.2
4.0
3.0
20
19.5
16.8
Table 7. Typical Voltage Input Noise and Resolution vs. Conversion Time, External 2.5 V Voltage Reference
Conversion
Time (ms)
Output Data
Rate (Hz)
–3dB Frequency
(Hz)
RMS Noise
(µV)
P-P Noise
(µV)
Effective Resolution
(Bits)
P-P Resolution
(Bits)
20.1
49.8
26.4
14.9
95
18.3
15.6
32.1
31.2
15.9
6.3
42
19.6
16.8
62.1
16.1
8.0
3.3
22
20.5
17.7
122.1
8.2
4.0
2.1
15
21.1
18.3


Similar Part No. - AD7746ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7746ARUZ-REEL7 AD-AD7746ARUZ-REEL7 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
More results

Similar Description - AD7746ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7745 AD-AD7745_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7746 AD-AD7746_15 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747 Datasheet
205Kb / 20P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
Rev. PrC, 28. July 2006
AD7746 AD-AD7746 Datasheet
780Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747ARUZ AD-AD7747ARUZ Datasheet
428Kb / 28P
   24-Bit Capacitance-to-Digital Converter with Temperature Sensor
REV. 0
AD7747 AD-AD7747_17 Datasheet
455Kb / 29P
   24-Bit Capacitance-to-Digital Converter
logo
Avia Semiconductor Co.,...
HX710 AVIA-HX710 Datasheet
53Kb / 1P
   24-Bit Analog-to-Digital Converter (ADC) with Built-in Temperature Sensor
logo
Analog Devices
AD7152 AD-AD7152 Datasheet
481Kb / 24P
   12-Bit Capacitance-to-Digital Converter
REV. 0
AD7152 AD-AD7152_17 Datasheet
459Kb / 24P
   12-Bit Capacitance-to-Digital Converter
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com