Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V70114SL08QE Datasheet(PDF) 2 Page - ITT Industries

Part # V70114SL08QE
Description  Power & Line Voltage Select Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

V70114SL08QE Datasheet(HTML) 2 Page - ITT Industries

  V70114SL08QE Datasheet HTML 1Page - ITT Industries V70114SL08QE Datasheet HTML 2Page - ITT Industries V70114SL08QE Datasheet HTML 3Page - ITT Industries V70114SL08QE Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J–33
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K V Series
Power & Line Voltage Select Slide Switches
SWITCH FUNCTION
ACTUATOR
MOUNTING STYLE
PANEL MOUNTING
SS
PANEL WITH MOUNTING EARS
MA
RIGHT ANGLE, PC THRU-HOLE
14
SCREWDRIVER SLOT
WITH MARKINGS
13
SCREWDRIVER SLOT
NO MARKING
12 SCREWDRIVER SLOT
WITH MARKING
02
.290" HIGH
WITH MARKINGS
01 .290" HIGH
V701
SPST
ALL
V702
SPDT
ALL
SP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
V801
DPST
ALL
V802
DPDT
ALL
DP
AVAILABLE
MOUNTING
STYLES
SCHEMATIC
SWITCH
FUNCTION
MODEL
NO.
NO.
POLES
All models
with all options.
Contacts make on side actuator thrown.
Actuator color is red with white
115V-230V markings (std.).
Actuator color is black.
markings are reversed on V702
and V802 models. Actuator color
is black with white markings (std.).
Actuator color is red.
Markings are reversed on
V702 and V802 models.
Actuator color is red with
white markings (std.).
Note: Orientation of
actuator markings
and terminals.
AVAILABLE WITH:
Models: All.
Terminations: 02 and 05
AVAILABLE WITH:
Models:
All
Terminations: 08
PC MOUNTING
PC mount, side actuated.
For mounting information,
see TERMINATIONS section, page J-35.
V80212SS05Q
DPDT
V80212MA08Q
Horizontal Actuation
DPDT


Similar Part No. - V70114SL08QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
V701 CK-COMPONENTS-V701 Datasheet
279Kb / 4P
   Snap-in panel and PC mounting
V701 CK-COMPONENTS-V701 Datasheet
684Kb / 4P
   Power & Line Voltage Select Slide Switches
More results

Similar Description - V70114SL08QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
V80212SS05QE CK-COMPONENTS-V80212SS05QE Datasheet
300Kb / 4P
   Power & Line Voltage Select Slide Switches
V CK-COMPONENTS-V Datasheet
684Kb / 4P
   Power & Line Voltage Select Slide Switches
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com