Selected language     English  ▼


AM29DL323CT90 Datasheet(PDF) 6 Page - Advanced Micro Devices

Part No. AM29DL323CT90
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMD [Advanced Micro Devices]
Homepage  http://www.amd.com
Logo 

 6 page
background image
Am29DL322C/Am29DL323C
6
ADV ANCE
I N FO RMAT I O N
PIN DESCRIPTION
A0–A20
= 21 Addresses
DQ0–DQ14 = 15 Data Inputs/Outputs
DQ15/A-1
= DQ15 (Data Input/Output, word
mode), A-1 (LSB Address Input, byte
mode)
CE#
= Chip Enable
OE#
= Output Enable
WE#
= Write Enable
WP#/ACC
= Hardware Write Protect/
Acceleration Pin
RESET#
= Hardware Reset Pin, Active Low
BYTE#
= Selects 8-bit or 16-bit mode
RY/BY#
= Ready/Busy Output
VCC
= 3.0 volt-only single power supply
(see Product Selector Guide for speed
options and voltage supply tolerances)
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
21534C-5
21
16 or 8
DQ0–DQ15
(A-1)
A0–A20
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#
WP#/ACC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
A29DL16X16 Megabit 2M x 8-Bit/1M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAMIC Technology
AM29DL16XD16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL322D32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
A29DL32X32 Megabit 4M x 8-Bit/2M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAMIC Technology
AM29DL400B4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL800B8 Megabit 1 M x 8-Bit/512 K x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL32XG32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL32XBGStacked Multi-Chip Package MCP Flash Memory and SRAM 32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous 1 2 3 4 5 MoreSPANSION
AM29DL16XC16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL320BGStacked Multi-Chip Package MCP Flash Memory and SRAM 32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous 1 2 3 4 5 MoreSPANSION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl