Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29CD016J0JFFM102 Datasheet(PDF) 7 Page - SPANSION

Part # S29CD016J0JFFM102
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD016J0JFFM102 Datasheet(HTML) 7 Page - SPANSION

Back Button S29CD016J0JFFM102 Datasheet HTML 3Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 4Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 5Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 6Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 7Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 8Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 9Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 10Page - SPANSION S29CD016J0JFFM102 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
5
Da ta
Shee t
(Prelim i nar y )
1.
Ordering Information
The order number (Valid Combination) is formed by the following:
1.1
Valid Combinations
Valid Combinations lists configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Note on BGA Package Markings
The ordering part number that appears on BGA packages omits the leading “S29”.
S29CD032J
0
J
F
A
I
0
0
0
Packing Type
0
=
Tray, FBGA: 180 per tray, min. 10 trays per box
Tray, PQFP: 66 per tray, min. 10 trays per box
2
=
7” Tape and Reel, FBGA: 400 per reel
3
=
13” Tape and Reel, FBGA: 1600 per reel
13” Tape and Reel, PQFP: 500 per reel
Boot Sector Option (16th Character)
0
=
Top Boot with Simultaneous Operation
1
=
Bottom Boot with Simultaneous Operation
3
=
Top Boot without Simultaneous Operation
4
=
Bottom Boot without Simultaneous Operation
Autoselect ID Option (15th Character)
0
=
7E, 08, 01/00 Autoselect ID
1
=
7E, 36, 01/00 Autoselect ID
S29CD016J only
0
=
7E, 46, 01/00 Autoselect ID
S29CL016J only
0
=
7E, 09, 01/00 Autoselect ID
S29CD032J only
0
=
7E, 49, 01/00 Autoselect ID
S29CL032J only
Temperature Range
I
=
Industrial (–40°C to +85°C)
M
=
Extended (–40°C to +125°C)
Material Set
A
=
Standard
F
=
Pb-free Option
Package Type
Q
=
Plastic Quad Flat Package (PQFP)
F
=
Fortified Ball Grid Array, 1.0 mm pitch package
Clock Frequency (10th Character)
J
=
40 MHz
M
=
56 MHz
P
=
66 MHz
R
=
75 MHz (contact factory)
Initial Burst Access Delay (9th Character)
0
=
5-1-1-1, 6-1-1-1, and above
1
=
4-1-1-1
Device Number/Description
S29CD032J/S29CD016J (2.5 volt-only), S29CL032J/S29CL016J (3.3 volt-only)
32 or 16 Megabit (1 M or 512 K x 32-Bit) CMOS Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Manufactured on 110 nm floating gate technology
S29CD-J/S29CL-J Valid Combinations
S29CD016J
S29CL016J
0J, 0M, 0P, 1J
QAI, QFI, QAM, QFM
FAI, FFI, FAM, FFM
00, 01, 02, 03, 10, 11, 12, 13
1M
02, 03, 12, 13
S29CD032J
S29CL032J
0J, 0M, 0P, 0R, 1J
QAI, QFI, QAN, QFN
FAI, FFI, FAN, FFN
00, 01, 02, 03, 10, 11, 12, 13
1M
02, 03, 12, 13


Similar Part No. - S29CD016J0JFFM102

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016J0JDGH014 SPANSION-S29CD016J0JDGH014 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0JDGH017 SPANSION-S29CD016J0JDGH017 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0JDGH034 SPANSION-S29CD016J0JDGH034 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0JDGH037 SPANSION-S29CD016J0JDGH037 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0JDGH114 SPANSION-S29CD016J0JDGH114 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29CD016J0JFFM102

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com