Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB89538HC Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB89538HC
Description  8-bit Original Microcontroller CMOS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB89538HC Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB89538HC Datasheet HTML 1Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 2Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 3Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 4Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 5Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 6Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 7Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 8Page - Fujitsu Component Limited. MB89538HC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
MB89530H Series
5
s
s
s
s MODEL DIFFERENCES AND SELECTION CONSIDERATIONS
O : Model-package combination available
X : Model-package combination not available
Conversion sockets for pin pitch conversion (manufactured by Sunhayato) can be used.
Contact : Sunhayato TEL +81-3-3984-7791 (Tokyo)
s
s
s
s DIFFERENCES AMONG PRODUCTS
1.
Memory Capacity
When this product is used in a piggy-back or other evaluation configuration, it is necessary to carefully confirm
the differences between the model being used and the product it is evaluating. Particular attention should be
given to the following (see “
CPU CORE 1.Memory Space”) .
• The program ROM area starts from address 4000H on the MB89P538 and MB89PV530 models.
• Note upper limits on RAM, such as stack areas, etc.
2.
Current Consumption
• On the MB89PV530, the additional current consumed by the EPROM is added at the connecting socket on
the back side.
• When operating at low speed, the current consumption in the one-time PROM or EPROM models is greater
than on the mask ROM models. However, current consumption in sleep or stop modes is identical.
For details, refer to “
ELECTRICAL CHARACTERISTICS”.
3.
Mask Options
The options available for use, and the method of specifying options, differ according to the model. Before use,
check the “
MASK OPTIONS” specification section.
4.
Wild Register Functions
The following table shows areas in which wild register functions can be used.
Wild Register Usage Areas
Package
Part number
MB89537H/537HC MB89538H/538HC
MB89P538
MB89PV530
DIP-64P-M01
O
O
O
X
FPT-64P-M03
O
O
X
X
FPT-64P-M06
O
O
O
X
FPT-64P-M09
O
O
O
X
MDP-64C-P02
X
X
X
O
MQP-64C-P01
X
X
X
O
Part number
Address space
MB89PV530
4000H to FFFFH
MB89P538
4000H to FFFFH
MB89537H/537HC
8000H to FFFFH
MB89538H/538HC
4000H to FFFFH


Similar Part No. - MB89538HC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89538 FUJITSU-MB89538 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
MB89538A FUJITSU-MB89538A Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89538AC FUJITSU-MB89538AC Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89538ACP FUJITSU-MB89538ACP Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
MB89538ACPF FUJITSU-MB89538ACPF Datasheet
800Kb / 62P
   8-bit Original Microcontroller CMOS, F-2MC-8L MB89530A Series
More results

Similar Description - MB89538HC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB89530 FUJITSU-MB89530 Datasheet
798Kb / 65P
   8-bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP92CF26AXBG TOSHIBA-TMP92CF26AXBG Datasheet
4Mb / 767P
   Original CMOS 32-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP92CA25FG TOSHIBA-TMP92CA25FG Datasheet
2Mb / 426P
   Original CMOS 32-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
TMP91C025FG TOSHIBA-TMP91C025FG Datasheet
1Mb / 260P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com