Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC31IRHBTG4 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TLV320AIC31IRHBTG4
Description  LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320AIC31IRHBTG4 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  TLV320AIC31IRHBTG4 Datasheet HTML 1Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 2Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 3Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 4Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 5Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 6Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 7Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 8Page - Burr-Brown (TI) TLV320AIC31IRHBTG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 74 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TLV320AIC31
SLAS497A – AUGUST 2006 – REVISED SEPTERMBER 2006
DEVICE INFORMATION (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NAME
QFN NO.
I/O
RIGHT_LOM
30
O
Right line output (-)
RESET
31
Reset
DVDD
32
I
Digital core voltage supply, 1.525 V – 1.95 V
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
AVDD to AVSS1/2, DRVDD1/2 to DRVSS
–0.3 to 3.9
V
AVDDA1 to DRVSS
–0.3 to 3.9
V
IOVDD to DVSS
–0.3 to 3.9
V
DVDD to DVSS
–0.3 to 2.5
V
AVDD to DRVDD1/2
–0.1 to 0.1
V
Digital input voltage to DVSS
–0.3 V to IOVDD+0.3
V
Analog input voltage to AVSS
–0.3 V to AVDD+0.3
V
Operating temperature range
-40 to +85
°C
Storage temperature range
-65 to +105
°C
TJ
Junction temperature
105
°C
Max
Power dissipation
(TJ Max – TA) / θJA
QFN package
θ
JA Thermal impedance
TBD
Soldering vapor phase (60 sec.)
TBD
Lead temperature
Infrared (15 sec.)
TBD
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA = 25°C
TA = 75°C
TA = 85°C
DERATING FACTOR
POWER RATING
POWER RATING
POWER RATING
1.82 W
22.7 mW/
°C
681 mW
454 mW
(1)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a JEDEC standard 4-layer 3 in
× 3 in PCB.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
AVDD,
Analog supply voltage
2.7
3.3
3.6
V
DRVDD1/2(1)
DVDD(1)
Digital core supply voltage
1.525
1.8
1.95
V
IOVDD(1)
Digital I/O supply voltage
1.1
1.8
3.6
V
VI
Analog full-scale 0 dB input voltage (DRVDD1 = 3.3 V)
0.707
VRMS
Stereo line-output load resistance
10
k
Stereo headphone-output load resistance
16
Digital output load capacitance
10
pF
TA
Operating free-air temperature
–40
85
°C
(1)
Analog voltage values are with respect to AVSS1, AVSS2, DRVSS; digital voltage values are with respect to DVSS.
4
Submit Documentation Feedback


Similar Part No. - TLV320AIC31IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC31IRHBTG4 TI-TLV320AIC31IRHBTG4 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31IRHBTG4 BURR-BROWN-TLV320AIC31IRHBTG4 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320AIC31IRHBTG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com