Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC221A12 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC221A12
Description  1.2VInput/ Output Rail To Rail CMOS Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC221A12 Datasheet(HTML) 7 Page - Torex Semiconductor

  XC221A12 Datasheet HTML 1Page - Torex Semiconductor XC221A12 Datasheet HTML 2Page - Torex Semiconductor XC221A12 Datasheet HTML 3Page - Torex Semiconductor XC221A12 Datasheet HTML 4Page - Torex Semiconductor XC221A12 Datasheet HTML 5Page - Torex Semiconductor XC221A12 Datasheet HTML 6Page - Torex Semiconductor XC221A12 Datasheet HTML 7Page - Torex Semiconductor XC221A12 Datasheet HTML 8Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1547
XC221A
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
XC221A1200 <100μA>
(1) Voltage Gain vs. Phase Margin
(2) Sink Current vs. Output Voltage
(3) Source Current vs. Output Voltage
(4) Supply Current vs. Power Supply Voltage
(5) Supply Current vs. Ambient Temperature


Similar Part No. - XC221A12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC221A1200ML TOREX-XC221A1200ML Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A1200MR TOREX-XC221A1200MR Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A1200MR TOREX-XC221A1200MR Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A1200MR-G TOREX-XC221A1200MR-G Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
More results

Similar Description - XC221A12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
   Rail-to-Rail Output, Op Amp
logo
Torex Semiconductor
XC221A TOREX-XC221A_15 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_1 Datasheet
928Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A-12 TOREX-XC221A-12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
XC221A TOREX-XC221A_12 Datasheet
785Kb / 9P
   1.2V Input / Output Rail To Rail CMOS Op Amp
logo
Analog Devices
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
   Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LTC6090-5 LINER-LTC6090-5_15 Datasheet
507Kb / 26P
   140V CMOS Rail-to-Rail Output, Picoamp Input Current Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com