Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE8805GR-18 Datasheet(PDF) 6 Page - Advanced Power Electronics Corp.

Part # APE8805GR-18
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8805GR-18 Datasheet(HTML) 6 Page - Advanced Power Electronics Corp.

  APE8805GR-18 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8805GR-18 Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
APE8805
Advanced Power
Electronics Corp.
Typical Performance Curves (Continued)
-25
0
25
50
75
100
125
20
30
40
50
60
Vin=5V
Vout=1.8V
Cin=1uF
Cout=1uF
Temperature
(
0C)
-50
-25
0
25
50
75
100
125
20
30
40
50
60
Vin=5V
Vout=3.3V
Cin=1uF
Cout=1uF
Temperature
(
0C)
Figure 10. Quiescent Current vs. Temperature
Figure 11. Quiescent Current vs. Temperature
-25
0
25
50
75
100
125
1.70
1.75
1.80
1.85
1.90
Vin=5V
Cin=1uF
Cout=1uF
Temperature(
0C)
-25
0
25
50
75
100
125
3.20
3.25
3.30
3.35
3.40
Vin=5V
Cin=1uF
Cout=1uF
Temperature(
0C)
Figure 12. Temperature Stability
Figure 13. Temperature Stability
0
100
200
300
400
500
600
0
200
400
600
800
1000
Cin=1uF
Cout=1uF
Vout=3.3V
Tj=125
0C
Tj=85
0C
Tj=25
0C
Tj=-40
0C
Loading Current(mA)
Figure 14. Dropout Voltage vs. Loading Current


Similar Part No. - APE8805GR-18

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8805A A-POWER-APE8805A Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-15Y5P A-POWER-APE8805A-15Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-18Y5P A-POWER-APE8805A-18Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-25Y5P A-POWER-APE8805A-25Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
APE8805A-28Y5P A-POWER-APE8805A-28Y5P Datasheet
272Kb / 7P
   600mA Low Dropout Linear Regulator with Shutdown
More results

Similar Description - APE8805GR-18

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com