Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71NS064NC0BJWVN3 Datasheet(PDF) 8 Page - SPANSION

Part # S71NS064NC0BJWVN3
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS064NC0BJWVN3 Datasheet(HTML) 8 Page - SPANSION

Back Button S71NS064NC0BJWVN3 Datasheet HTML 4Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 5Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 6Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 7Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 8Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 9Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 10Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 11Page - SPANSION S71NS064NC0BJWVN3 Datasheet HTML 12Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6
S71NS-N MCP Products
S71NS-N_00_A3 October 10, 2006
Ad van c e
Inf o rmation
4.2.2
pSRAM Based Pinout, 60-Ball, VFBGA
Note: Addresses are shared between Flash and RAM depending on the density of the pSRAM.
Figure 4.2 pSRAM Based Pinout, 60-Ball, VFBGA
MCP
Flash-Only Addresses
Shared Addresses
Shared ADQ Pins
S71NS256NC0
A23-A22
A21–A16
ADQ15 – ADQ0
S71NS256NB0
A23-A21
A20-A16
ADQ15 – ADQ0
P1
NC
Flash/RAM
Shared Only
Flash Only
Legend
RAM Only
No Connect
(Distance between
outer NC balls
is 2x pitch)
Reserved for
Future Use
M3
NC
M16
NC
P18
NC
C16
NC
A18
NC
C3
NC
A1
NC
F5
F8
F7
F9
F10
F11
F12
F6
G5
G8
G7
G9
G10
G11
G12
G6
G13
G14
H5
H8
H7
H9
H10
H11
H12
H6
H13
H14
J5
J8
J7
J9
J10
J11
J12
J6
J13
J14
K5
K6
K13
K14
E5
E9
E13
NC
RFU
R-LB#
R-UB#
RFU
NC
F-RDY/
R-WAIT
A21
VSS
CLK
VCC
F-ACC
A19
F13
A17
A22
WE#
VCCQ
A16
A20
AVD#
A23
F-RST#
F-WP#
A18
F-CE#
VSSQ
VSS
A/DQ7
A/DQ6
A/DQ13 A/DQ12
A/DQ3
A/DQ2
A/DQ9
A/DQ8
OE#
A/DQ15 A/DQ14
VSSQ
A/DQ5
A/DQ4
A/DQ11 A/DQ10
VCCQ
A/DQ1
A/DQ0
NC
RFU
R-CE#
R-CRE
RFU
NC
E6
E10
E14
F14
K9
K10


Similar Part No. - S71NS064NC0BJWVN3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS064JA0BJWRT0 SPANSION-S71NS064JA0BJWRT0 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS064JA0BJWRT2 SPANSION-S71NS064JA0BJWRT2 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS064JA0BJWRT3 SPANSION-S71NS064JA0BJWRT3 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71NS064NC0BJWVN3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com