Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8581 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8581
Description  2.5MHz/1.5MHz Step-Down Converters with 60m ohm Bypass in TDFN for CDMA PA Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8581 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8581 Datasheet HTML 1Page - Maxim Integrated Products MAX8581 Datasheet HTML 2Page - Maxim Integrated Products MAX8581 Datasheet HTML 3Page - Maxim Integrated Products MAX8581 Datasheet HTML 4Page - Maxim Integrated Products MAX8581 Datasheet HTML 5Page - Maxim Integrated Products MAX8581 Datasheet HTML 6Page - Maxim Integrated Products MAX8581 Datasheet HTML 7Page - Maxim Integrated Products MAX8581 Datasheet HTML 8Page - Maxim Integrated Products MAX8581 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2.5MHz/1.5MHz Step-Down Converters
with 60m
Ω Bypass in TDFN for CDMA PA Power
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 3.6V, VOUT = 1.2V, MAX8582 EV Kit, TA = +25°C, unless otherwise noted.)
BYPASS MODE DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (A)
0.8
0.6
0.2
0.4
0.01
0.02
0.03
0.04
0.06
0.05
0.07
0.08
0
0
1.0
VOUT = 3.2V
VOUT = 3.6V
EFFICIENCY vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
2.8
2.4
2.0
1.2
1.6
65
70
75
80
90
85
95
100
60
0.8
3.2
RLOAD = 7.5
Ω
EFFICIENCY
vs. LOAD CURRENT (VOUT = 1.8V)
LOAD CURRENT (mA)
100
20
10
30
40
50
60
80
70
90
100
0
10
1000
EFFICIENCY
vs. LOAD CURRENT (VOUT = 1.2V)
LOAD CURRENT (mA)
100
20
10
30
40
50
60
80
70
90
100
0
10
1000
EFFICIENCY
vs. LOAD CURRENT (VOUT = 0.6V)
LOAD CURRENT (mA)
100
20
10
30
40
50
60
80
70
90
0
10
1000
NO-LOAD SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.0
4.5
5.0
2
1
3
4
5
6
8
7
9
0
2.5
3.0
3.5
5.5
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (mA)
300
400
500
1.160
1.170
1.180
1.190
1.200
1.210
1.150
0
100
200
600
OUTPUT VOLTAGE vs. REFIN VOLTAGE
REFIN VOLTAGE (V)
1.2
0.9
1.5
1.8
0.5
1.5
1.0
2.0
3.0
2.5
4.0
3.5
4.5
0
0
0.3
0.6
2.1
VIN = 4.2V
VIN = 3.6V
VIN = 3.0V
RLOAD = 7.5
Ω


Similar Part No. - MAX8581

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8581ETB++ MAXIM-MAX8581ETB+ Datasheet
562Kb / 10P
   2.5MHz/1.5MHz Step-Down Converters with 60m廓 Bypass in TDFN for CDMA PA Power
2007
MAX8581 MAXIM-MAX8581_V01 Datasheet
562Kb / 10P
   2.5MHz/1.5MHz Step-Down Converters with 60m廓 Bypass in TDFN for CDMA PA Power
2007
More results

Similar Description - MAX8581

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8581 MAXIM-MAX8581_V01 Datasheet
562Kb / 10P
   2.5MHz/1.5MHz Step-Down Converters with 60m廓 Bypass in TDFN for CDMA PA Power
2007
logo
Linear Technology
LTC3408 LINER-LTC3408_15 Datasheet
166Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403 Datasheet
920Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3403 LINER-LTC3403_15 Datasheet
933Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
LTC3408 LINER-LTC3408 Datasheet
156Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator with Bypass Transistor
logo
Maxim Integrated Produc...
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
logo
Texas Instruments
LM3203 TI1-LM3203 Datasheet
3Mb / 23P
[Old version datasheet]   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
National Semiconductor ...
LM3203 NSC-LM3203 Datasheet
1Mb / 15P
   Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
   Dual 1A 1.5MHz Synchronous Step-Down Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com