Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS512PD0KF3HL0 Datasheet(PDF) 6 Page - SPANSION

Part # S71WS512PD0KF3HL0
Description  1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512PD0KF3HL0 Datasheet(HTML) 6 Page - SPANSION

Back Button S71WS512PD0KF3HL0 Datasheet HTML 2Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 3Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 4Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 5Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 6Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 7Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 8Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 9Page - SPANSION S71WS512PD0KF3HL0 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
S71WS-P based MCP Products
S71WS-P_00_A2 August 21, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
3.3
NOR Flash and pSRAM Input/Output Descriptions
Amax-A0
=
NOR Flash Address inputs
DQ15-DQ0
=
Flash Data input/output, shared between NOR and ORNAND Flash. DQ0-DQ7 shared for x8 ORNAND
F-CE#
=
NOR Flash Chip-enable input #1. Asynchronous relative to CLK for Burst Mode.
OE#
=
Output Enable input. Asynchronous relative to CLK for Burst mode.
WE#
=
Write Enable input.
F-VCC
=
NOR Flash device power supply (1.7 V - 1.95V).
F-VCCQ
=
Input/Output Buffer power supply.
VSS
=Ground
RFU
=
Reserved for Future Use
RDY
=
Flash ready output. Indicates the status of the Burst read. VOL = data valid. The Flash RDY pin is shared
with the WAIT pin of the pSRAM.
CLK
=
NOR Flash Clock, shared with CLK of burst-mode pSRAM.. The first rising edge of CLK in conjunction
with AVD# low latches the address input and activates burst mode operation. After the initial word is
output, subsequent rising edges of CLK increment the internal address counter. CLK should remain low
during asynchronous access.
AVD#
=
NOR Flash Address Valid input. Shared with AVD# of burst-mode pSRAM. Indicates to device that the
valid address is present on the address inputs.
VIL = for asynchronous mode, indicates valid address; for burst mode, causes starting address to be
latched on rising edge of CLK.
VIH= device ignores address inputs
F-RST#
=
NOR Flash hardware reset input. VIL= device resets and returns to reading array data
F-WP#
=
NOR Flash hardware write protect input. VIL = disables program and erase functions in the four
outermost sectors.
F-ACC
=
NOR Flash accelerated input. At VHH, accelerates programming; automatically places device in unlock
bypass mode. At VIL, disables all program and erase functions. Should be at VIH for all other conditions.
R-CE#
=
Chip-enable input for pSRAM
R-CRE
=
Control Register Enable (pSRAM). For CellularRAM only.
R-VCC
=
pSRAM Power Supply
R-UB#
=
Upper Byte Control (pSRAM)
R-LB#
=
Lower Byte Control (pSRAM)
DNU
=
Do Not Use


Similar Part No. - S71WS512PD0KF3HL0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS512PD0KFFLW0 SPANSION-S71WS512PD0KFFLW0 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0KFFLW2 SPANSION-S71WS512PD0KFFLW2 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0KFFLW3 SPANSION-S71WS512PD0KFFLW3 Datasheet
463Kb / 15P
   based MCP/POP Products
More results

Similar Description - S71WS512PD0KF3HL0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com