Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLCC2403MB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SLCC2403MB
Description  Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SLCC2403MB Datasheet(HTML) 2 Page - Vishay Siliconix

  SLCC2403MB Datasheet HTML 1Page - Vishay Siliconix SLCC2403MB Datasheet HTML 2Page - Vishay Siliconix SLCC2403MB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLCC
Hermetic, 50 Mil Pitch, Leadless Chip Resistor
Networks
Vishay Sfernice
Document Number: 60014
For technical questions contact sfer@vishay.com
www.vishay.com
Revision: 06-Jul-06
35
DIMENSIONS in inches and millimeters
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
PIN NUMBER
16, 20, 24
TCR:
Tracking
± 2 ppm/°C (typical)/5 ppm/°C Max.
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C Max.
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.1 % to 1.0 % tighter specs on request
Absolute
± 0.1 % to 5.0 % tighter specs on request
Power Rating:
Resistor
50 mW
at + 70 °C
Package
250 mW 500 mW 1 W
at + 70 °C
Stability (
ΔR Ratio)
0.05 %
1000 hrs at + 70 °C under Pn
Voltage Coefficient
< 0.1 ppm/V
Working Voltage
100 VDC on R
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
- 35 dB typical
Thermal EMF
0.1 µV/°C
Shelf Life Stability
< 50 ppm
1 year at + 25 °C
AB
CD
E
F
G
H
16 Pin
0.050"
0.300"
0.300"
0.077"
0.025"
0.050"
0.040"
0.020"
mm
1.27
7.62
7.62
1.96
0.635
1.27
1.02
0.508
20 Pin
0.050"
0.350"
0.350"
0.077"
0.025"
0.050"
0.040"
0.020"
mm
1.27
8.89
8.89
1.96
0.635
1.27
1.02
0.508
24 Pin
0.050"
0.400"
0.400"
0.077"
0.025"
0.050"
0.040"
0.020"
mm
1.27
10.16
10.16
1.96
0.635
1.27
1.02
0.508
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: SLCC24A01-10KF0005
GLOBAL MODEL
SCHEMATIC
VALUE
TOL.
SPECIAL
SLCC16
SLCC20
SLCC24
A
B
A01
A03
A06
Decimal
R, K or M
B (0.1 % 0.1 %)
D (0.5 % 0.25 %)
F (1.0 % 0.5 %)
G (2.0 % 1.0 %)
J (5.0 % 1.0 %)
Historical Part Number example: SLCC
24
A01
10K
F
R0005
e4
B
D
Max.
G
Typ.
A
Typ.
E
Typ.
H
Index
Corner
F
C
Terminal #1
Indicator
Terminal #1
R Typ.
LC
C
2
4
A
0
1
-
S
10
K
F
00
05


Similar Part No. - SLCC2403MB

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
SLCC241-C03 ROSENBERGER-SLCC241-C03 Datasheet
245Kb / 2P
   Cable Clamp
SLCC241-C09 ROSENBERGER-SLCC241-C09 Datasheet
79Kb / 2P
   Cable Clamp
SLCC241-PF14 ROSENBERGER-SLCC241-PF14 Datasheet
82Kb / 2P
   Cable Clamp
SLCC241-PF20 ROSENBERGER-SLCC241-PF20 Datasheet
106Kb / 2P
   Cable Clamp
SLCC241-PF6 ROSENBERGER-SLCC241-PF6 Datasheet
174Kb / 2P
   Clamp Fibre and power cable
More results

Similar Description - SLCC2403MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
MPH VISHAY-MPH Datasheet
106Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
Revision: 05-May-08
LCC VISHAY-LCC_17 Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
MPH VISHAY-MPH_17 Datasheet
93Kb / 3P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
Revision: 20-Oct-11
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
TOMC VISHAY-TOMC Datasheet
180Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 10-May-06
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VTSRC-AC VISHAY-VTSRC-AC Datasheet
117Kb / 4P
   25 or 50 Mil Pitch, Termination Resistor/Capacitor Networks
Revision: 01-Jul-08
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com