Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71NS256NC0BJWVT3 Datasheet(PDF) 10 Page - SPANSION

Part # S71NS256NC0BJWVT3
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS256NC0BJWVT3 Datasheet(HTML) 10 Page - SPANSION

Back Button S71NS256NC0BJWVT3 Datasheet HTML 4Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 5Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 6Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 7Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 8Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 9Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 10Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 11Page - SPANSION S71NS256NC0BJWVT3 Datasheet HTML 12Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
8
S71NS-N MCP Products
S71NS-N_00_A3 October 10, 2006
Ad van c e
Inf o rmation
4.3
Physical Dimensions
4.3.1
NLB056—9.2 x 8.0 mm, 56-ball VFBGA
Figure 4.4 Physical Dimensions, NLB056—56-ball VFBGA
3507\ 16-038.22 \ 7.14.5
PACKAGE
NLB 056
JEDEC
N/A
D x E
9.20 mm x 8.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.20
PROFILE
A1
0.20
---
---
BALL HEIGHT
A2
0.85
---
0.97
BODY THICKNESS
D
9.20 BSC.
BODY SIZE
E
8.00 BSC.
BODY SIZE
D1
4.50 BSC.
MATRIX FOOTPRINT
E1
6.50 BSC.
MATRIX FOOTPRINT
MD
10
MATRIX SIZE D DIRECTION
ME
14
MATRIX SIZE E DIRECTION
n
56
BALL COUNT
Øb
0.25
0.30
0.35
BALL DIAMETER
eE
0.50 BSC.
BALL PITCH
eD
0.50 BSC
BALL PITCH
SD / SE
0.25 BSC.
SOLDER BALL PLACEMENT
DEPOPULATED SOLDER BALLS
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION 4.3,
SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
10. OUTLINE AND DIMENSIONS PER CUSTOMER REQUIREMENT.
A2 ~ A13,B1 ~ B14
J1 ~ J14, K2 ~ K13
G1,G2,G13,G14,H1,H2,H5,H6,H9,H10,H13,H14
D1,D2,D13,D14,E1,E2,E13,E14,F1,F2,F13,F14
C1,C2,C5,C6,C9,C10,C13,C14
0.20
0.08
C
SIDE VIEW
A1
A
A2
6
56X
0.15
M
A
C
0.08
M C
B
b
C
C
BOTTOM VIEW
7
SE
E1
D1
eD
A
B
C
D
E
F
HG
J
K
14
13
8
9
10
11
12
7
6
5
4
2
1
3
eE
CORNER
PIN A1
7
SD
A
D
E
(2X)
0.10 C
C
B
(2X)
0.10
9
TOP VIEW
CORNER
PIN A1
INDEX MARK


Similar Part No. - S71NS256NC0BJWVT3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS032J80 SPANSION-S71NS032J80 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032J80BJWRA SPANSION-S71NS032J80BJWRA Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032JA0 SPANSION-S71NS032JA0 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71NS256NC0BJWVT3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com