Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54HC4538A Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC54HC4538A
Description  Dual precision Monostable Multivibrator (Retriggerable, Resettable)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HC4538A Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MC54HC4538A Datasheet HTML 2Page - Motorola, Inc MC54HC4538A Datasheet HTML 3Page - Motorola, Inc MC54HC4538A Datasheet HTML 4Page - Motorola, Inc MC54HC4538A Datasheet HTML 5Page - Motorola, Inc MC54HC4538A Datasheet HTML 6Page - Motorola, Inc MC54HC4538A Datasheet HTML 7Page - Motorola, Inc MC54HC4538A Datasheet HTML 8Page - Motorola, Inc MC54HC4538A Datasheet HTML 9Page - Motorola, Inc MC54HC4538A Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MC54/74HC4538A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
3–6
Figure 4. Normalized Output Pulse Width
versus Power Supply Voltage
Figure 5. Normalized Output Pulse Width
versus Power Supply Voltage
1.1
1.05
1
0.95
0.9
0.85
0.8
1.03
1.02
1.01
1
0.99
0.98
0.97
– 75
– 50
– 25
0
25
50
75
100
125
150
– 75
– 50
– 25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
TA, AMBIENT TEMPERATURE (°C)
Rx = 10 kΩ
Cx = 0.1 µF
VCC = 6 V
VCC = 3 V
Rx = 10 kΩ
Cx = 0.1 µF
VCC = 5.5 V
VCC = 4.5 V
VCC = 5 V


Similar Part No. - MC54HC4538A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC54HC4016 ONSEMI-MC54HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC54HC4016J ONSEMI-MC54HC4016J Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
logo
Motorola, Inc
MC54HC4049 MOTOROLA-MC54HC4049 Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
MC54HC4050 MOTOROLA-MC54HC4050 Datasheet
181Kb / 6P
   Hex Buffers/Logic-Level Down Converters
More results

Similar Description - MC54HC4538A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
198Kb / 14P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
May, 2013 ??Rev. 10
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com