Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD1A25MPP-C Datasheet(PDF) 1 Page - ITT Industries

Part # TD1A25MPP-C
Description  Filter Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TD1A25MPP-C Datasheet(HTML) 1 Page - ITT Industries

  TD1A25MPP-C Datasheet HTML 1Page - ITT Industries TD1A25MPP-C Datasheet HTML 2Page - ITT Industries TD1A25MPP-C Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.ittcannon.com
304
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-24308 Filter Connectors
TD1*
How to Order
Performance and Material Specifications
ELECTRICAL DATA
MATERIALS AND FINISHES
ITT Cannon has developed a line of filter connectors
to meet the industry's demand fo improved control
of Radio Frequency and Electro-Magnetic Inter-
ference (RFI/EMI). These TD1* filter connectors,
have been designed to combine the functions of a
standard electrical connector and feed-thru filters
into one compact package. In addition to offering
greater design flexibility and system reliability, they
are designed for applications where space and
weight are prime considerations. These connectors
are intermateable with all standard D subminiature
connectors. They are also intermateable with MIL-
C-24308 types and meet applicable portions of that
specification.
ALL TD1* filter contact assemblies are tested 100%
during in-process and final inspection, for capac-
itance, insulation resistance and dielectric with-
standing voltage. Attenuation is checked as re-
quired for each type of filter to assure performance
to guaranteed levels.
Note: The TD1* replaces the obsolete TD*J and D*J Series
FILTER SERIES INDICATOR
T
D
1
E
A
B
C
D
9
15
25
37
50
L
M
T
H
P
S
H
M
P
C
-
FILTER SERIES INDICATOR
T - Transverse Monolith
L - Low frequency
M - Mid-range frequency
T - Standard frequecy
H - High frequency
Consult factory. Both 90˚ and straight types are
available.
See page 305
Lack of termination indicator signifiles solder cup.
C - Clinch nut
P - Pin contacts
S - Socket contacts
D - Miniature, rectangular, solder termination
E, A, B, C, D
See page 305
SERIES PREFIX
CONTACT ARRANGEMENTS
SHELL SIZE (one piece shell)
SERIES PREFIX
ONE (1) PIECE SHELL
SHELL SIZE
CONTACT ARRANGEMENTS
FILTER TYPE
FILTER TYPE
PRINTED CIRCUIT CONTACTS
CONTACT TERMINATION
MODIFIER
Description
Available Filter
Low Freq.
Freq. MHz
Filter Type
Attenuation (dB)
0.1
1
2
10
100
500 to 10,000
2 min.
15 min.
20 min.
35 min.
60 min.
65 min.
Pi
-
2 min.
5 min.
15 min.
55 min.
60 min.
Pi
-
-
2 min.
9 min.
50 min.
55 min.
Pi
-
-
2 min.
30 min.
50 min.
Pi
L
100 VDC
200 VDC
7.5
300 VDC
5000
megohms
minimum
50,000
minimum
Mid Freq.
Std Freq.
High Freq.
Contacts
Copper alloy
Aluminum alloy 6061-T6
per QQ-A-225/8 or
QQ-A-200/8
Gold plate per
MIL-G-45204
Type 1, Class 1
Electroless nickel per
MIL-C-26074
None
None
Silver plate
Polyphenylene Sulfide/
Epoxy
Epoxy
Beryllium Copper
Shell
Insulator: Socket
Pin
Ground Spring
M
T
H
7.5
7.5
7.5
500 VDC
500 VDC
500 VDC
10,000
megohms
minimum
10,000
megohms
minimum
10,000
megohms
minimum
7200
12,000
3000
5,000
780
1,300
Catalog Indication - letter
Voltage Rating (working)
Current Rating (amp DC)
Insulation Resistance, 2 min. electrification
time max. at 25˚C, and 100 VDC
DWV, sea level, with 500 microamps max.
charge/discharge
Capacitance at 1 KHz, 0.1 V rms picofarads
Attenuation per MIL-STD-220
@ 25˚C with no applied
voltage or current.
Material
Finish
CONTACT TYPE
CONTACT TYPE
CONTACT TERMINATION
MODIFIER


Similar Part No. - TD1A25MPP-C

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
TD1 MAGNETROL-TD1 Datasheet
1Mb / 12P
   THERMATEL짰THERMALDISPERSION
logo
Tumbler Technologies + ...
TD1 TRUMPOWER-TD1 Datasheet
22Kb / 1P
   DC/DC CONVERTERS
logo
Magnetrol International...
TD1-2D00-030 MAGNETROL-TD1-2D00-030 Datasheet
689Kb / 32P
   Thermal Dispersion Flow/Level Switch
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
1Mb / 72P
   Thermal Dispersion Mass Flow Transmitter
TD1-2D00-031 MAGNETROL-TD1-2D00-031 Datasheet
752Kb / 16P
   Thermal Dispersion Flow/Level/Interface Switch
More results

Similar Description - TD1A25MPP-C

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TKJLOC0ALPN ITT-TKJLOC0ALPN Datasheet
231Kb / 3P
   Filter Connectors
TPVOC24B61TPN ITT-TPVOC24B61TPN Datasheet
189Kb / 5P
   1 Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com