Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7906CT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MC7906CT
Description  3-Terminal Fixed Negative Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MC7906CT Datasheet(HTML) 4 Page - Vishay Siliconix

  MC7906CT Datasheet HTML 1Page - Vishay Siliconix MC7906CT Datasheet HTML 2Page - Vishay Siliconix MC7906CT Datasheet HTML 3Page - Vishay Siliconix MC7906CT Datasheet HTML 4Page - Vishay Siliconix MC7906CT Datasheet HTML 5Page - Vishay Siliconix MC7906CT Datasheet HTML 6Page - Vishay Siliconix MC7906CT Datasheet HTML 7Page - Vishay Siliconix MC7906CT Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Electrical Characteristics – MC7909
Vin = –15V, Iout = 500mA, Cin = 2
µF, Cout = 1µF; TJ = 0°C to 125°C, unless otherwise noted.
Parameter
Symbol
Test
Conditions
Min.
Typ.
Max.
Unit
Circuit
TJ = 25°C
–8.82
–9.0
–9.18
V
Output Voltage
Vo
1
Vin = –11.5 to –24V,
–8.73
—–9.27
Io = 5mA to 1A
Line Regulation
REGline
1
Vin = –11.5 to –27V
7
180
mV
(TJ = 25°C)
Vin = –12 to –16V
290
Load Regulation
REGload
1
Io = 5mA to 1.5A
12
180
mV
(TJ = 25°C)
Io = 250mA to 750mA
490
Quiescent Current
Iq
2TJ = 25°C
2.2
4.5
mA
Quiescent Current Change
∆Iq
2
Vin = –11.5 to –27V
——
1
mA
(TJ = 25°C)
Io = 5mA to 1A
——
0.5
Output Noise Voltage (TJ = 25°C)
Vn
1
f = 10Hz to 100KHz
58
µV
Ripple Rejection Ratio
RR
3
Vin = –12 to –22V
56
71
dB
Io = 100mA, f = 120Hz
Dropout Voltage
Vdrop
Io = 1.0A, TJ = 25°C
1.1
V
Peak Output Current
Io-peak
1TJ = 25°C
2.1
A
Temp. Coefficient of Output Voltage
∆Vo/∆TA
1
Io = 5mA, TJ = 0 to125°C
0.6
mV/°C
Electrical Characteristics – MC7912
Vin = –19V, Iout = 500mA, Cin = 2
µF, Cout = 1µF; TJ = 0°C to 125°C, unless otherwise noted.
Parameter
Symbol
Test
Conditions
Min.
Typ.
Max.
Unit
Circuit
TJ = 25°C
–11.76
–12.0
–12.24
V
Output Voltage
Vo
1
Vin = –14.5 to –27V,
–11.64
—–12.36
Io = 5mA to 1A
Line Regulation
REGline
1
Vin = –14.5 to –30V
10
240
mV
(TJ = 25°C)
Vin = –15 to –19V
3
120
Load Regulation
REGload
1
Io = 5mA to 1.5A
12
240
mV
(TJ = 25°C)
Io = 250mA to 750mA
4
120
Quiescent Current
Iq
2TJ = 25°C
2.5
5
mA
Quiescent Current Change
∆Iq
2
Vin = –14.5 to –30V
——
1
mA
(TJ = 25°C)
Io = 5mA to 1A
——
0.5
Output Noise Voltage (TJ = 25°C)
Vn
1
f = 10Hz to 100KHz
75
µV
Ripple Rejection Ratio
RR
3
Vin = –15 to –25V
55
70
dB
Io = 100mA, f = 120Hz
Dropout Voltage
Vdrop
Io = 1.0A, TJ = 25°C
1.1
V
Peak Output Current
Io-peak
1TJ = 25°C
2.1
A
Temp. Coefficient of Output Voltage
∆Vo/∆TA
1
Io = 5mA, TJ = 0 to125°C
—–0.8
mV/°C
MC79xxCT Series
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74814
4
11-Jun-02


Similar Part No. - MC7906CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7906CT ONSEMI-MC7906CT Datasheet
143Kb / 14P
   1.0 A Negative Voltage Regulators
March, 2004 ??Rev. 12
logo
Fairchild Semiconductor
MC7906CT FAIRCHILD-MC7906CT Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Motorola, Inc
MC7906CT MOTOROLA-MC7906CT Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC7906CT ONSEMI-MC7906CT Datasheet
157Kb / 16P
   1.0 A Negative Voltage Regulators
August, 2006 ??Rev. 14
logo
Fairchild Semiconductor
MC7906CT FAIRCHILD-MC7906CT Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
More results

Similar Description - MC7906CT

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA179L00 HITACHI-HA179L00 Datasheet
55Kb / 13P
   3-terminal Negative Fixed Voltage Regulators
logo
Renesas Technology Corp
HA179L00 RENESAS-HA179L00_15 Datasheet
131Kb / 9P
   3-terminal Negative Fixed Voltage Regulators
HA179L00 RENESAS-HA179L00 Datasheet
143Kb / 10P
   3-terminal Negative Fixed Voltage Regulators
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
G3U79XX GTM-G3U79XX Datasheet
199Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GI79XXA GTM-GI79XXA Datasheet
165Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GU79XXA GTM-GU79XXA Datasheet
204Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GE79XXA GTM-GE79XXA Datasheet
170Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com