Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75PL-N Datasheet(PDF) 6 Page - SPANSION

Part # S75PL-N
Description  Stacked Multi-Chip Product (MCP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL-N Datasheet(HTML) 6 Page - SPANSION

  S75PL-N Datasheet HTML 1Page - SPANSION S75PL-N Datasheet HTML 2Page - SPANSION S75PL-N Datasheet HTML 3Page - SPANSION S75PL-N Datasheet HTML 4Page - SPANSION S75PL-N Datasheet HTML 5Page - SPANSION S75PL-N Datasheet HTML 6Page - SPANSION S75PL-N Datasheet HTML 7Page - SPANSION S75PL-N Datasheet HTML 8Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4
S75PL-N MirrorBit
ORNANDMCPs
S75PL-N_00_01E April 21, 2006
Data
Sheet
( A dva n ce
I n f o r m a t i on)
3.
Connection Diagrams
3.1
S75PL-N Pinout
Figure 3.1 107-ball Fine-Pitch Ball Grid Array (S75PL127NBF)
Note:
Top view—balls facing down. The addresses that are shared vary by MCP combination as shown in the table below:
Special Handling Instructions for FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
PL-N Addresses
PL-N/pSRAM Addresses
S75PL127NBF
A22-A21
A20:A0
3
29
10
5
47
68
1
B
D
E
F
G
H
J
K
L
M
N
P
A
C
DNU
DNU
DNU
DNU
VSS
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
Index
No ball
A7
RFU
RFU
RFU
WP#/
ACC
LB#
A8
WE#
A11
N-RY/BY
A6
A3
A15
RFU
RST#
UB#
A19
R-CE2
A12
N-RE#
A5
A2
A21
RFU
RY/BY#
A18
A9
A20
A13
N-CE#
A4
A1
A22
VCCn
RFU
A17
A10
RFU
A14
N-VCC
VSS
A0
A16
VSSn
RFU
DQ1
DQ6
RFU
RFU
N-VSS
OE#
F-CE#
RFU
I/O7
DQ3
DQ9
DQ13
DQ4
DQ15
N-CLE
DQ0
R-CE1#
VSS
I/O6
F-VCC
DQ10
DQ12
R-VCC
DQ7
N-ALE
DQ8
N-WP#
I/O4
I/O5
DQ11
DQ2
DQ5
RFU
DQ14
N-WE#
RFU
RFU
I/O3
N-PRE
RFU
VSS
I/O1
I/O0
I/O2
DNU
DNU
DNU
DNU
DNU
Legend
DNU
pSRAM Only
Reserved for Future Use
NOR Flash Only
ORNAND Flash Only


Similar Part No. - S75PL-N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127J SPANSION-S75PL127J Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBD SPANSION-S75PL127JBD Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB0 SPANSION-S75PL127JBDBAWB0 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB2 SPANSION-S75PL127JBDBAWB2 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB3 SPANSION-S75PL127JBDBAWB3 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
More results

Similar Description - S75PL-N

ManufacturerPart #DatasheetDescription
logo
SPANSION
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com