Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256PEFKFF Datasheet(PDF) 10 Page - SPANSION

Part # S75WS256PEFKFF
Description  based MCP/POP Products
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256PEFKFF Datasheet(HTML) 10 Page - SPANSION

Back Button S75WS256PEFKFF Datasheet HTML 6Page - SPANSION S75WS256PEFKFF Datasheet HTML 7Page - SPANSION S75WS256PEFKFF Datasheet HTML 8Page - SPANSION S75WS256PEFKFF Datasheet HTML 9Page - SPANSION S75WS256PEFKFF Datasheet HTML 10Page - SPANSION S75WS256PEFKFF Datasheet HTML 11Page - SPANSION S75WS256PEFKFF Datasheet HTML 12Page - SPANSION S75WS256PEFKFF Datasheet HTML 13Page - SPANSION S75WS256PEFKFF Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8
S75WS-P based MCP/POP Products
S75WS-P_00_02 September 6, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
N-CE#
Input
Chip Enable: The device enters a low-power Standby mode when
the device is in Ready mode. The CE# signal is ignored when the
device is in a Busy state (RY/BY# = L), such as during a Page
Buffer Load or Erase operation, and will not enter Standby mode
even if the CE# input goes high. The CE# signal may be inactive
during the Page Buffer write and Page Buffer load of the array
data.
X
N-WE#
Input
Write Enable: The WE# signal is used to control the acquisition of
data from the I/O port.
X
N-RE#
Output
Read Enable: The RE# signal controls serial data output. Data is
available tREA after the falling edge of RE#. The internal column
address counter is also incremented (Address = Address + 1) on
this falling edge.
X
N-WP#
Input
Write Protect: The WP# signal is used to protect the device from
accidental programming or erasing. This signal is usually used for
protecting the data during the power-on/off sequence when input
signals are invalid.
X
Table 5.1 Input/Output Descriptions (Sheet 2 of 2)
Symbol
Signal
Type
Description
WS
(NOR)
pSRAM
MS
(ORNAND)


Similar Part No. - S75WS256PEFKFF

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75WS256NDF SPANSION-S75WS256NDF Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS256NDF SPANSION-S75WS256NDF Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
S75WS256NDFBAWLH0 SPANSION-S75WS256NDFBAWLH0 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS256NDFBAWLH0 SPANSION-S75WS256NDFBAWLH0 Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
S75WS256NDFBAWLH2 SPANSION-S75WS256NDFBAWLH2 Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S75WS256PEFKFF

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com