Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD9080RHBT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9080RHBT
Description  8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9080RHBT Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD9080RHBT Datasheet HTML 2Page - Texas Instruments UCD9080RHBT Datasheet HTML 3Page - Texas Instruments UCD9080RHBT Datasheet HTML 4Page - Texas Instruments UCD9080RHBT Datasheet HTML 5Page - Texas Instruments UCD9080RHBT Datasheet HTML 6Page - Texas Instruments UCD9080RHBT Datasheet HTML 7Page - Texas Instruments UCD9080RHBT Datasheet HTML 8Page - Texas Instruments UCD9080RHBT Datasheet HTML 9Page - Texas Instruments UCD9080RHBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
TIMING PARAMETERS FOR I2C INTERFACE
VSS
NC
XIN
NC
RST
MON1
MON2
MON3
EN2
EN1
SCL
SDA
NC
MON5
MON4
NC
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
10
11
12
13
14
15
16
9
25
27
28
29
30
31
32
26
UCD9080
SLVS692A – SEPTEMBER 2006 – REVISED DECEMBER 2006
PARAMETER
MIN
MAX
UNIT
tof
Output fall time from VOH to VOL(1) with a bus capacitance from 10 pF to 400 pF.
250(2)
ns
CI
Capacitance for each pin.
10
pF
fSCL
SCL Clock Frequency
10
100
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock pulse is generated.
4
µs
tLOW
LOW period of the SCL clock
4.7
µs
tHIGH
HIGH period of the SCL clock
4
µs
tSU;STA
Set-up time for repeated start condition
4.7
µs
tSU;DAT
Data set-up time
250
ns
tr
Rise time of both SDA and SCL signals
1000
ns
tf
Fall time of both SDA and SCL signals
300
ns
tSU;STO
Set-up time for STOP condition
4
µs
tBUF
Bus free time between a STOP and START condition
4.7
µs
C(b)
Capacitive load for each bus line
400
pF
VnL
Noise margin at the LOW level for each connected device (including hysteresis)
0.1 VDD
V
VnH
Noise margin at the HIGH level for each connected device (including hysteresis)
0.2 VDD
V
(1)
See the Electrical Characteristics section of this data sheet.
(2)
The maximum tf for the SDA and SCL bus lines (300 ns) is longer than the specified maximum tof for the output stages (250 ns). This
allows series protection resistors (Rs) to be connected between the SDA/SCL pins and the SDA/SCL bus lines without exceeding the
maximum specified tf.
RHB PACKAGE
(TOP VIEW)
6
Submit Documentation Feedback


Similar Part No. - UCD9080RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9080RHBT TI1-UCD9080RHBT Datasheet
1Mb / 38P
[Old version datasheet]   8-CHANNEL POWER-SUPPLY SEQUENCER AND MONITOR
UCD9080RHBTG4 TI1-UCD9080RHBTG4 Datasheet
1Mb / 38P
[Old version datasheet]   8-CHANNEL POWER-SUPPLY SEQUENCER AND MONITOR
More results

Similar Description - UCD9080RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9080 TI1-UCD9080_16 Datasheet
1Mb / 38P
[Old version datasheet]   8-CHANNEL POWER-SUPPLY SEQUENCER AND MONITOR
UCD9081EVM TI-UCD9081EVM Datasheet
800Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9081 TI1-UCD9081 Datasheet
853Kb / 34P
[Old version datasheet]   8-CHANNEL POWER SUPPLY SEQUENCER AND MONITOR WITH ERROR LOGGING
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90160 TI1-UCD90160 Datasheet
1Mb / 41P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor with ACPI Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com