Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE3314B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XE3314B
Description  Low-Cost, Embeddable 33,600 BPS Modem Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

XE3314B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XE3314B Datasheet HTML 6Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 7Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 8Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 9Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 10Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 11Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 12Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 13Page - List of Unclassifed Manufacturers XE3314B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
XECOM
(10)
XE3314B
S0
Answer on nth Ring: S0 sets the modem to auto-
matically answer on the nth ring. Setting S0 to 0 dis-
ables automatic answer.
Range:
0 to 255
Units
Rings
Default
0
S1
Ring Count: S1 is a read-only register showing the
number of rings detected. If a ring is not detected
within 8 seconds, S1 is reset to zero.
Range:
0 to 255
Units
Rings
Default
0
S2
Escape Character: S2 determines the ASCII escape
character. Values of 0-127 select valid ASCII escape
characters; values from 128 to 255 disable the escape
sequence.
Range:
0 to 255
Units
ASCII Character
Default
43 (+)
S3
Carriage Return Character: S3 determines the
ASCII character to serve as a carriage return to termi-
nate commands and modem responses.
Range:
0 to 127
Units
ASCII Character
Default
13 (Carriage Return)
S4
Line Feed Character: S4 sets the ASCII character
to act as a line feed character in modem responses.
Range:
0 to 127
Units
ASCII Character
Default
10 (Line Feed)
S5
Back Space Character: S5 defines the ASCII char-
acter used as a backspace to edit the command line.
Range:
0 to 32
Units
ASCII Character
Default
8 (Back Space)
S6
Dial Tone Wait Time: S6 determines how long the
modem waits for dial tone before dialing begins. The
Dial Tone Wait Time cannot be set to less than two
seconds.
Range:
2 to 255
Units
Seconds
Default
2
S7
Wait for Carrier after Dialing: S7 determines how
long the modem waits for a valid carrier signal after
dialing is completed.
Range:
1 to 255
Units
Seconds
Default
50
S8
Comma Pause Time: S8 defines the duration of the
pause initiated by a comma in the dialing string. The
pause is generally used when waiting for a second dial
tone.
Range:
1 to 255
Units
Seconds
Default
50
S9
Carrier Detect Response Time: S9 establishes the
length of time the remote modem's carrier must be
present to be recognized as valid.
Range:
1 to 255
Units
0.1 Seconds
Default
6
S10
Carrier Off Disconnect Delay: S10 selects how
long carrier must be lost before the modem discon-
nects. Note: If S10 is smaller than the value of S9,
the modem will not automatically disconnect on loss
of carrier.
Range:
1 to 255
Units
0.1 Seconds
Default
14
S11
Tone Dialing Speed: S10 sets the duration and spac-
ing of the dialing tones. S11 does not affect the
pulse dialing rate.
Range:
50 to 255
Units
1 Millisecond
Default
95
S12
Escape Code Guard Timer: S12 sets the escape se-
quence guard timer. If characters are received before
or after the escape sequence, within the guard timer,
the modem aborts the escape attempt and remains in
data mode.
Range:
0 to 255
Units
0.02 Seconds
Default
50
XE3314B Modem Registers


Similar Part No. - XE3314B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
More results

Similar Description - XE3314B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE3386L ETC-XE3386L Datasheet
58Kb / 16P
   Compact 33,600 BPS Data and Fax Modem
XE1401 ETC1-XE1401 Datasheet
72Kb / 18P
   Multi-National 14,400 BPS Embeddable Modem
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
   Miniature 2400 bps Modem Module
XE1276 ETC-XE1276 Datasheet
97Kb / 10P
   Compact 1200 bps Modem
logo
Sanyo Semicon Device
LC89201 SANYO-LC89201 Datasheet
114Kb / 9P
   9600-bps Facsimile Modem
logo
Fujitsu Component Limit...
MB87002 FUJITSU-MB87002 Datasheet
694Kb / 15P
   1200 BPS MSK MODEM
logo
Samsung semiconductor
KS16112 SAMSUNG-KS16112 Datasheet
513Kb / 69P
   9600/14400 bps FAX MODEM
logo
OKI electronic componet...
MSM6948 OKI-MSM6948 Datasheet
117Kb / 13P
   1200 bps Single Chip MSK Modem
logo
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
   LOW COST GSM MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com