Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS256PD0KFFLW3 Datasheet(PDF) 4 Page - SPANSION

Part # S71WS256PD0KFFLW3
Description  based MCP/POP Products
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256PD0KFFLW3 Datasheet(HTML) 4 Page - SPANSION

  S71WS256PD0KFFLW3 Datasheet HTML 1Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 2Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 3Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 4Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 5Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 6Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 7Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 8Page - SPANSION S71WS256PD0KFFLW3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2
S75WS-P based MCP/POP Products
S75WS-P_00_02 September 6, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
1.
Product Selector Guide
2.
MCP Block Diagram
Device
Model
Number
Flash
Density
(Mb)
pSRAM
Density
(Mb)
ORNAND
Density
(Mb)
Flash
Speed
(MHz)
pSRAM Speed
(MHz)
pSRAM Supplier
Package
S75WS256PEFKFF
LW
256
256
512
66
104
Type 2
AMB128: POP
12 x12 x 1.15 mm
S75WS256PEFJF5
VS
80
FMC115: MCP
12 x 9 mm
A0-A23
A0-A23
RDY
RDY
DQ0-DQ15
CLK
CLK
AVD#
AVD#
F-CE#
CE#
OE#
OE#
F-RST#
#
T
E
S
E
R
VSS
F-ACC
ACC
F1-WP#
WP#
WE#
WE#
VCC
F-VCC
VCCQ
A0-A23
WAIT#
CLK
AVD#
R1-CE#
CE#
OE#
R-LB#
LB#
R-UB#
UB#
WE#
R-CRE
CRE
VSS
VCC
R-VCC
VCCQ
I/O0-I/O15
I/O0-I/O15
N-RY/BY#
RB#
N-CLE
CLE
N-CE#
CE#
N-ALE
ALE
VSS
N-VSS
N-RE#
#
E
R
N-PRE
N-WP#
WP#
N-WE#
WE#
VCC
N-VCC
DQ0-DQ15
DQ0-DQ15
WS256P
Flash
Memory
256 Mb
UtRAM
Memory
MS512P
x16 ORNAND
Memory
VSS
PRE


Similar Part No. - S71WS256PD0KFFLW3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256PD0KF3HL0 SPANSION-S71WS256PD0KF3HL0 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0KF3HL2 SPANSION-S71WS256PD0KF3HL2 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0KF3HL3 SPANSION-S71WS256PD0KF3HL3 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0KF3HR0 SPANSION-S71WS256PD0KF3HR0 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S71WS256PD0KF3HR2 SPANSION-S71WS256PD0KF3HR2 Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
More results

Similar Description - S71WS256PD0KFFLW3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com