Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VS-09024 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # S8VS-09024
Description  Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-09024 Datasheet(HTML) 4 Page - Omron Electronics LLC

  S8VS-09024 Datasheet HTML 1Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 2Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 3Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 4Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 5Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 6Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 7Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 8Page - Omron Electronics LLC S8VS-09024 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
L-58
Switch mode Power Supply
S8VS
I Installation
60-W Model
S8VS-06024
S8VS-06024
@
90-W Model
S8VS-09024
S8VS-09024
@
Note: 1. The fuse is located on the (L) side.
2. S8VS-
@@@24@ only.
3. S8VS-09024
@ Model only.
1
3
2
4
5
1
3
2
4
8
7
6
5
3
1
2
4
5
3
1
13
12
11
2
4
5
8
9
7
6
10
3
No.
Name
Function
1
AC Input terminals
(L), (N)
Connect the input lines to these
terminals. (See note 1.)
2
Ground terminals
(GR)
Connect the ground line to this terminal.
3
DC Output terminals
(
−V), (+V)
Connect the load lines to these
terminals.
4
Output indicator
(DC ON: Green)
Lights while a direct current (DC) output
is ON.
5
Output voltage
adjuster (V.ADJ)
Use to adjust the voltage.
6
Main display
(See note 2.)
Indicates the measurement or set value.
7
Operation
indicator
(See note 2.)
V
Lights up when the output voltage is
indicated. Blinks during setup of
undervoltage alarm value.
A
Lights up during indication of output current.
Apk
Lights up during indication of peak hold current.
Yrs
Lights up during indication of maintenance
forecast monitor. Blinks during setup of
maintenance forecast monitor setting.
(S8VS-0 024A)
Kh
Lights up during indication of total run
time monitor. Blinks during setup of total
run time monitor. (S8VS-0
@024B)
No.
Name
Function
8
Mode Key (See note 2.)
Use the Mode Key to change the
indicated parameter or reset the
peak hold current value.
9
Up Key (See note 3.)
Use the Up Key to change to the
setting mode or to increase the set
value.
10
Down Key (See note 3.)
Use the Down Key to change to
the setting mode or to decrease
the set value.
11
Alarm
output
terminal
Undervoltage alarm
output terminal (DC
LOW) (See note 3.)
Outputs when a drop in the
output voltage is detected.
(at voltage drop: OFF)
12
Maintenance forecast
monitor terminal (Yrs)
(S8VS-09024A)
Total run time monitor
output terminal (Kh)
(S8VS-09024B)
(See note 3.)
Outputs when the maintenance
forecast has reached the set
value.
13
Common terminal
for alarm output
(See note 3.)
Terminal (emitter) shared for
alarm outputs (11) and (12).


Similar Part No. - S8VS-09024

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-09024 OMRON-S8VS-09024 Datasheet
2Mb / 38P
   Switch Mode Power Supply
S8VS-09024A OMRON-S8VS-09024A Datasheet
2Mb / 38P
   Switch Mode Power Supply
S8VS-09024AP OMRON-S8VS-09024AP Datasheet
2Mb / 38P
   Switch Mode Power Supply
S8VS-09024APS OMRON-S8VS-09024APS Datasheet
2Mb / 38P
   Switch Mode Power Supply
S8VS-09024AS OMRON-S8VS-09024AS Datasheet
2Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VS-09024

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Advantech Co., Ltd.
PWR-242 ADVANTECH-PWR-242 Datasheet
240Kb / 1P
   DIN-rail Power Supply Panel Mount Power Supply
logo
Delta Electronics, Inc.
DRS-24V100W1AX DELTA-DRS-24V100W1AX Datasheet
973Kb / 15P
   Sync DIN Rail Power Supply
DRL-24V480W1AX DELTA-DRL-24V480W1AX Datasheet
880Kb / 15P
   LYTE DIN Rail Power Supply
DRC-12V30W1AZ DELTA-DRC-12V30W1AZ Datasheet
1Mb / 11P
   Chrome DIN Rail Power Supply
DRC-24V10W1AZ DELTA-DRC-24V10W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRC-24V30W1AZ DELTA-DRC-24V30W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com