Selected language     English  ▼


SM77D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. SM77D
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
SM77D Series 1.8 V
CMOS Clock Oscillators
October 2006
www.pletronics.com
425-776-1880
2
Part Number:
SM77
45
D
E
X
-100.0M
-XX
Part Marking:
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
PLE SM77
FF.FFF M
C YMDXX
or
PLE SM77
FF.FFF M
C YYWWXX
or
7XYWWXX
FF.FFF M
C PLE XXX
Frequency in MHz
Supply Voltage V
CC
X
= 1.8V +
_ 5%
Optional Enhanced OTR
E
= Temperature range -40 to 85oC
Series Model
Frequency Stability
45
= +
_ 50 ppm
44
= +
_ 25 ppm
20
= +
_ 20 ppm
Series Model
Marking Legend:
PLE = Pletronics
FF.FFF
M = Frequency in MHz
YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31
Legacy Part Numbers:
‘S’
Denoted Symmetry of 45%/55% at 50% of V
CC. This is now the standard Duty Cycle and is no longer needed
inthe part number. We will still support part numbers with the ‘S’. For example: SM7745DX and SM7745DSX
describe the same specifications and can be used interchangeably by the customer.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29SL400C4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1 2 3 4 5 MoreSPANSION
VCC1-A3A1.8 2.5 3.3 5.0 volt CMOS Oscillator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1639Integrated Circuit CMOS Clock Generator/Driver for BBDs 1 2 3 4 NTE Electronics
CD40192BMSCMOS Presettable Up/Down Counters Dual Clock With Reset 1 2 3 4 5 MoreIntersil Corporation
IDT49FCT208052.5V CMOS DUAL 1-TO-5 CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
SJ-C1440CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
CO15THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE 1 2 Raltron Electronics Corporation
IN74AC273Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
636CMOS/TTL CLOCK OSCILLATOR 1 2 3 4 CTS Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl