Selected language     English  ā–¼


SM77D Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. SM77D
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
SM77D Series 1.8 V
CMOS Clock Oscillators
October 2006
www.pletronics.com
425-776-1880
4
Symmetry
Trise
Vhigh
Vlow
Tfall
Ground
20% * Vcc
80% * Vcc
50% * Vcc
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
V
OUT High (VOH)
0.4
0.3
-
V
Below V
CC, IOH = +8 mA
V
OUT Low (VOL)-
0.3
0.4
V
I
OL = - 8 mA
Output T
RISE and TFALL
-1.5
2.5
nS
C
LOAD = 15 pF 20% to 80% of VCC (See load circuit)
V
CC Supply Current
(I
CC)
-
21
33
mA
>125 MHz
C
LOAD = 15 pF
20% to 80% of V
CC
(See load circuit)
-
17
27
mA
>95 MHz and <125 MHz
-11
19
mA
<95 MHz
Specifications with Pad 1 E/D open circuit
Load Circuit and Test Waveform




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29SL400C4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1 2 3 4 5 MoreSPANSION
VCC1-A3A1.8 2.5 3.3 5.0 volt CMOS Oscillator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1639Integrated Circuit CMOS Clock Generator/Driver for BBDs 1 2 3 4 NTE Electronics
CD40192BMSCMOS Presettable Up/Down Counters Dual Clock With Reset 1 2 3 4 5 MoreIntersil Corporation
IDT49FCT208052.5V CMOS DUAL 1-TO-5 CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
SJ-C1440CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
CO15THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE 1 2 Raltron Electronics Corporation
IN74AC273Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
636CMOS/TTL CLOCK OSCILLATOR 1 2 3 4 CTS Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl