Selected language     English  ▼


SM77D Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. SM77D
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2005, 2006, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM77D Series 1.8 V
CMOS Clock Oscillators
October 2006
• Pletronics’ SM77D Series is a quartz crystal
controlled precision square wave generator
with a CMOS output.
• The SM77D series will directly interface TTL
devices also.
• The package is designed for high density
surface mount designs.
• This is a low cost mass produced oscillator.
• Tape and Reel or Tube packaging is available.
• 70 to 165 MHz
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable Function
• Disable function includes low standby power
mode
•3rd Overtone Crystals used
• Improved circuit to minimize oscillator issues
such as multi-mode output signal.
• Low Jitter
Capable of driving up to 15pF capacitive loads
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.17 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +5.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC
The thermal resistance junction to board is 30 to 50oC/Watt depending on the solder pads, ground plane
and construction of the PCB.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29SL400C4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1 2 3 4 5 MoreSPANSION
VCC1-A3A1.8 2.5 3.3 5.0 volt CMOS Oscillator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1639Integrated Circuit CMOS Clock Generator/Driver for BBDs 1 2 3 4 NTE Electronics
CD40192BMSCMOS Presettable Up/Down Counters Dual Clock With Reset 1 2 3 4 5 MoreIntersil Corporation
IDT49FCT208052.5V CMOS DUAL 1-TO-5 CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
SJ-C1440CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
CO15THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE 1 2 Raltron Electronics Corporation
IN74AC273Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
636CMOS/TTL CLOCK OSCILLATOR 1 2 3 4 CTS Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl