Selected language     English  ā–¼


SM7720DEX-100.M-T250 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. SM7720DEX-100.M-T250
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 5 page
background image
SM77D Series 1.8 V
CMOS Clock Oscillators
October 2006
www.pletronics.com
425-776-1880
5
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29SL400C4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1 2 3 4 5 MoreSPANSION
VCC1-A3A1.8 2.5 3.3 5.0 volt CMOS Oscillator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1639Integrated Circuit CMOS Clock Generator/Driver for BBDs 1 2 3 4 NTE Electronics
CD40192BMSCMOS Presettable Up/Down Counters Dual Clock With Reset 1 2 3 4 5 MoreIntersil Corporation
IDT49FCT208052.5V CMOS DUAL 1-TO-5 CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
SJ-C1440CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
CO15THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE 1 2 Raltron Electronics Corporation
IN74AC273Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
636CMOS/TTL CLOCK OSCILLATOR 1 2 3 4 CTS Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl