Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75PL256NDGJAWGZ3 Datasheet(PDF) 7 Page - SPANSION

Part # S75PL256NDGJAWGZ3
Description  Stacked Multi-Chip Product (MCP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL256NDGJAWGZ3 Datasheet(HTML) 7 Page - SPANSION

  S75PL256NDGJAWGZ3 Datasheet HTML 1Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 2Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 3Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 4Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 5Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 6Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 7Page - SPANSION S75PL256NDGJAWGZ3 Datasheet HTML 8Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
S75PL-N_00_01E April 21, 2006
S75PL-N MirrorBit
ORNANDMCPs
5
Dat a
Sheet
( A dv anc e
I n f o r m a t i on )
3.2
FMH107—107-Ball Fine Pitch Ball Grid Array (FBGA) 9 x 12 mm package
Figure 3.2 FMH107
3512 \ 16-038.19 \ 8.9.05
PACKAGE
FMH 107
JEDEC
N/A
D x E
12.00 mm x 9.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.40
PROFILE
A1
0.17
---
---
BALL HEIGHT
A2
0.94
---
1.11
BODY THICKNESS
D
12.00 BSC.
BODY SIZE
E
9.00 BSC.
BODY SIZE
D1
8.80 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
107
BALL COUNT
b
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC.
BALL PITCH
SD / SE
0.40 BSC.
SOLDER BALL PLACEMENT
A3,A4,A5,A6,A7,A8,
DEPOPULATED SOLDER BALLS
B1,M3,M4,M5,M6,M7,M8
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION
4.3, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E"
DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL
POSITIONS FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO
DATUMS A AND B AND DEFINE THE POSITION OF THE
CENTER SOLDER BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS
IN THE OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS
IN THE OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF
DEPOPULATED BALLS.
9.
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER
OR INK MARK, METALLIZED MARK INDENTATION OR
OTHER MEANS.
Ø
SIDE VIEW
6
107X
0.15
M C
MC
AB
0.08
b
7
SE
E1
D1
eD
10
8
7
9
5
4
2
1
3
eE
6
PIN A1
CORNER
K
ML
7
SD
BOTTOM VIEW
C
C
B
JH G
F
E
C
DA
A
D
E
C
0.15
(2X)
B
C
0.15
(2X)
C
9
TOP VIEW
PIN A1
CORNER
A1
A2
A
INDEX MARK
0.08
0.20


Similar Part No. - S75PL256NDGJAWGZ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127J SPANSION-S75PL127J Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBD SPANSION-S75PL127JBD Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB0 SPANSION-S75PL127JBDBAWB0 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB2 SPANSION-S75PL127JBDBAWB2 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB3 SPANSION-S75PL127JBDBAWB3 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
More results

Similar Description - S75PL256NDGJAWGZ3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com