Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN752232DGG Datasheet(PDF) 8 Page - Texas Instruments

Part # SN752232DGG
Description  DUAL RS-232 PORT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN752232DGG Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN752232DGG Datasheet HTML 3Page - Texas Instruments SN752232DGG Datasheet HTML 4Page - Texas Instruments SN752232DGG Datasheet HTML 5Page - Texas Instruments SN752232DGG Datasheet HTML 6Page - Texas Instruments SN752232DGG Datasheet HTML 7Page - Texas Instruments SN752232DGG Datasheet HTML 8Page - Texas Instruments SN752232DGG Datasheet HTML 9Page - Texas Instruments SN752232DGG Datasheet HTML 10Page - Texas Instruments SN752232DGG Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN752232
DUAL RS-232 PORT
SLLS507 – JUNE 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
DRIVER SECTION
Figure 7
VOLTAGE TRANSFER CHARACTERISTICS
VDD = 6 V, VSS = –6 V
9
6
3
0
–3
–6
–9
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
–12
2
12
VI – Input Voltage – V
0
VDD = 12 V, VSS = –12 V
VDD = 9 V, VSS = –9 V
RL = 3 kΩ
TA = 25°C
Figure 8
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
VOH(VI = 0.8 V)
16
12
8
4
0
–4
–8
–12
–16
12
8
4
0
–4
–8
–12
–20
16
20
VO – Output Voltage – V
–16
VOL(VI = 1.9 V)
3-k
Load Line
VDD = 9 V
VSS = –9 V
TA = 25°C
Figure 9
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
70
60
50
40
30
20
10
9
6
3
0
–3
–6
–9
–12
12
TA – Free-Air Temperature – °C
0
VDD = 9 V
VSS = –9 V
VO = 0
IOS(H) (VI = 0.8 V)
IOS(L) (VI = 1.9 V)
SLEW RATE
vs
LOAD CAPACITANCE
Figure 10
VDD = 9 V
VSS = –9 V
RL = 3KΩ
TA = 25°C
100
10
1000
100
1
10000
1000
CL – Load Capacitance – pF
10


Similar Part No. - SN752232DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN752232DGG TI-SN752232DGG Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
SN752232DGGR TI-SN752232DGGR Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
SN752232DGGRE4 TI-SN752232DGGRE4 Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
More results

Similar Description - SN752232DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN752232 TI-SN752232_06 Datasheet
228Kb / 14P
[Old version datasheet]   DUAL RS-232 PORT
logo
Analog Devices
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
logo
Exar Corporation
SP2209E EXAR-SP2209E Datasheet
717Kb / 17P
   High ESD Dual Port RS-232 Transceiver
logo
Sipex Corporation
SP2209E SIPEX-SP2209E Datasheet
174Kb / 15P
   High ESD Dual Port RS-232 Transceiver
logo
ADL Embedded Solutions
104-COM232-8 ADL-104-COM232-8 Datasheet
356Kb / 2P
   8-port RS-232
logo
Advantech Co., Ltd.
232PTC9 ADVANTECH-232PTC9 Datasheet
328Kb / 1P
   RS-232 Port Combiner
ADAM-5090 ADVANTECH-ADAM-5090_14 Datasheet
232Kb / 1P
   4-port RS-232 Module
ADAM-5090 ADVANTECH-ADAM-5090 Datasheet
584Kb / 1P
   4-port RS-232 Module
logo
Texas Instruments
TRSF23243 TI1-TRSF23243 Datasheet
658Kb / 17P
[Old version datasheet]   3-V TO 5.5-V DUAL RS-232 PORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com