Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72WS512PD0HF01G0 Datasheet(PDF) 4 Page - SPANSION

Part # S72WS512PD0HF01G0
Description  based MCP/PoP Products
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS512PD0HF01G0 Datasheet(HTML) 4 Page - SPANSION

  S72WS512PD0HF01G0 Datasheet HTML 1Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 2Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 3Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 4Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 5Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 6Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 7Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 8Page - SPANSION S72WS512PD0HF01G0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2
S72WS-P based MCP/PoP Products
S72WS-P_00_A4 May 29, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
1.
Product Selector Guide
1.1
NOR Flash + DRAM Products
1.2
NOR Flash + ORNAND Flash + DRAM Products
1.3
NOR Flash + NAND Flash + DRAM Products
Device
NOR Flash
Density
NOR Flash
Speed
DRAM
Density
DRAM Speed
DRAM Supplier
Package
S72WS256PD0KFKLG
256 Mb
66 MHz
128 Mb
133 MHz (DDR)
Type 5
PoP
15 x 15 mm
S72WS256PD0HF6LG
MCP
9 x 12 mm
S72WS512PE0HF61R
512 Mb
80 MHz
256 Mb
104 MHz (SDR)
Type 2
MCP
9 x 12 mm
Device-Model#
NOR
Flash
Density
NOR
Flash
Speed
ORNAND
Flash
Density
ORNAND
Bus
Width
ECC
Required
DRAM
Density
DRAM
Speed
DRAM
Supplier
Package
S72WS512PEFKFKHH
512 Mb
66 MHz
512Mb
x16
Yes
256 Mb
133 MHz
(DDR)
Type 2
PoP
15 x 15 mm
160-ball
S72WS512PFFKFKGH
512 Mb
Type 1
PoP
15 x 15 mm
160-ball
S72WS512PFFJF9GH
MCP
11 x 13 mm
137-ball
S72WS512PFGJF9GH
1024 Mb
MCP
11 x 13 mm
137-ball
S72WS512PFGKFKGH
PoP
15 x 15 mm
160-ball
S72WS512PFFJF9LD
80 MHz
512 Mb
x16
Yes
Type 5
MCP
11 x 13 mm
137-ball
S72WS512PFFKFKLD
PoP
15 x 15 mm
160-ball
Device-Model#
NOR
Flash
Density
NOR
Flash
Speed
NAND
Flash
Density
NAND
Bus
Width
ECC
Required
DRAM
Density
DRAM
Speed
DRAM
Supplier
Package
S72WS512PEFKFKHJ
512Mb
66 MHz
512Mb
x16
Yes
256 Mb
133 MHz
(DDR)
Type 2
PoP
15 x 15 mm
160-ball
S72WS512PFFKFKGJ
512 Mb
Type 1
PoP
15 x 15 mm
160-ball
S72WS512PFFJF9GJ
MCP
11 x 13 mm 137-
ball
S72WS512PFFKFKLE
80 MHz
Type 5
PoP
15 x 15 mm
160-ball
S72WS512PFFJF9LE
MCP
11 x 13 mm
137-ball


Similar Part No. - S72WS512PD0HF01G0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS512ND0BAW4Y0 SPANSION-S72WS512ND0BAW4Y0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BAW4Y2 SPANSION-S72WS512ND0BAW4Y2 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BAW4Y3 SPANSION-S72WS512ND0BAW4Y3 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BFW4Y0 SPANSION-S72WS512ND0BFW4Y0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS512ND0BFW4Y2 SPANSION-S72WS512ND0BFW4Y2 Datasheet
977Kb / 30P
   Based MCP/PoP Products
More results

Similar Description - S72WS512PD0HF01G0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com