Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3463EDD Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT3463EDD
Description  Dual Micropower DC/DC Converters with Schottky Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3463EDD Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT3463EDD Datasheet HTML 1Page - Linear Integrated Systems LT3463EDD Datasheet HTML 2Page - Linear Integrated Systems LT3463EDD Datasheet HTML 3Page - Linear Integrated Systems LT3463EDD Datasheet HTML 4Page - Linear Integrated Systems LT3463EDD Datasheet HTML 5Page - Linear Integrated Systems LT3463EDD Datasheet HTML 6Page - Linear Integrated Systems LT3463EDD Datasheet HTML 7Page - Linear Integrated Systems LT3463EDD Datasheet HTML 8Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT3463/LT3463A
3463f
BLOCK DIAGRA
Figure 1. Block Diagram
OPERATIO
The LT3463 uses a constant off-time control scheme to
provide high efficiency over a wide range of output cur-
rent. Operation can be best understood by referring to the
block diagram in Figure 1. When the voltage at the FB1 pin
is slightly above 1.25V, comparator A1 disables most of
the internal circuitry. Output current is then provided by
capacitor C2, which slowly discharges until the voltage at
the FB1 pin goes below the hysteresis point of A1 (typical
hysteresis at the FB1 pin is 8mV). A1 then enables the
internal circuitry, turns on power switch Q1, and the
current in inductor L1 begins ramping up. Once the switch
current reaches 250mA, comparator A2 resets the one-
shot, which turns off Q1 for 300ns. Q1 turns on again and
the inductor currents ramp back up to 250mA, then A2
again resets the one-shot. This switching action continues
until the output voltage is charged up (until the FB1 pin
reaches 1.25V), then A1 turns off the internal circuitry and
the cycle repeats. The second switching regulator is an
inverting converter (which generates a negative output)
but the basic operation is the same.
SHDN1 (Pin 9): Shutdown Pin for Switcher 1. Pull this pin
above 1.5V to enable Switcher 1. Pull below 0.3V to turn
it off. Do not leave this pin floating.
FB1 (Pin 10): Feedback Pin for Switcher 1. Set the output
voltage by selecting values for R1 and R2.
GND (Pin 11): Exposed Pad. Solder this exposed pad
directly to the local ground plane. This pad must be
electrically connected for proper operation.
PI FU CTIO S
+
+
+
3
300ns
ONE-SHOT
25mV
LT3463: RS1 = RS2 = 0.1Ω
LT3463A: RS1 = 0.1Ω, RS2 = 0.063Ω
25mV
1.25V
1.25V
A2
A1
Q1
10
VIN
FB1
FB2
1
VOUT1
VOUT1
SW1
3463 F01
L1
VIN
VIN
R1
R2
VOUT1
VOUT2
VREF
R4
R3
C1
C2
VOUT2
C3
+
300ns
ONE-SHOT
A4
A3
Q2
11
8
4
7
6
5
SW2
GND
D2
D2
D1
D3
SWITCHER 1
SWITCHER 2
L2
2
C4
SHDN2
SHDN2
9
SHDN1
SHDN1
RS1
RS2


Similar Part No. - LT3463EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3463 LINER-LT3463 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3463 LINER-LT3463 Datasheet
198Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
logo
Analog Devices
LT3463 AD-LT3463 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
LT3463 AD-LT3463 Datasheet
761Kb / 18P
   0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
logo
Linear Technology
LT3463A LINER-LT3463A Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
More results

Similar Description - LT3463EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3463 LINER-LT3463_15 Datasheet
198Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
LT3463A LINER-LT3463A_15 Datasheet
198Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
   Inverting Micropower DC/DC Converter with Schottky
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com