Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPO4812 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LPO4812
Description  Dual Micropower DC/DC Converters with Schottky Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LPO4812 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LPO4812 Datasheet HTML 1Page - Linear Integrated Systems LPO4812 Datasheet HTML 2Page - Linear Integrated Systems LPO4812 Datasheet HTML 3Page - Linear Integrated Systems LPO4812 Datasheet HTML 4Page - Linear Integrated Systems LPO4812 Datasheet HTML 5Page - Linear Integrated Systems LPO4812 Datasheet HTML 6Page - Linear Integrated Systems LPO4812 Datasheet HTML 7Page - Linear Integrated Systems LPO4812 Datasheet HTML 8Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LT3463/LT3463A
3463f
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
VIN, SHDN1, SHDN2 Voltage ................................... 15V
SW1, SW2, VOUT1 Voltage ....................................... 42V
D2 Voltage ............................................................. –42V
FB1, FB2 Voltage Range .............................. –0.3V to 2V
Junction Temperature ........................................... 125
°C
Operating Ambient Temperature Range
(Note 2) .............................................. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 125°C
ORDER PART
NUMBER
LT3463EDD
LT3463AEDD
DD PART MARKING
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VSHDN = 2.5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
2.2
2.4
V
Total Quiescent Current
For Both Switchers, Not Switching
40
60
µA
Shutdown Current
VSHDN1 = VSHDN2 = 0V
0.1
1
µA
VREF Pin Voltage
With 124k
Ω to GND
q
1.23
1.25
1.27
V
VREF Pin Voltage Line Regulation
With 124k
Ω to GND
0.05
0.10
%/V
FB1 Comparator Trip Voltage
High to Low Transition
q
1.225
1.25
1.275
V
FB1 Comparator Hysteresis
8mV
FB1 Line Regulation
2.5V < VIN < 15V
0.05
0.10
%/V
FB1 Pin Bias Current (Note 3)
VFB1 = 1.3V
q
20
50
nA
FB2 Comparator Trip Voltage
Low to High Transition
q
03
12
mV
FB2 Comparator Hysteresis
8mV
FB2 Line Regulation (VREF – VFB2)
2.5V < VIN < 15V
0.05
0.10
%/V
FB2 Pin Bias Current (Note 4)
VFB2 = –0.1V
q
20
50
nA
SW1 Switch Off Time
VOUT1 – VIN = 4V
300
ns
VOUT1 – VIN = 0V
1.5
µs
SW2 Switch Off Time
VFB2 < 0.1V
300
ns
VFB2 = 1V
1.5
µs
Switch VCESAT (SW1, SW2)
ISW = 150mA
180
mV
Switch Current Limit (SW1)
180
250
320
mA
Switch Current Limit (SW2)
LT3463
180
250
320
mA
LT3463A
320
400
460
mA
Swith Leakage Current (SW1, SW2)
Switch Off, VSW = 42V
0.01
1
µA
Schottky Forward Voltage (VOUT1, D2)
ID = 150mA
750
mV
Schottky Reverse Leakage Current
VOUT1 – VSW = 42V
1
5
µA
VD2 = –42V
1
5
µA
SHDN1 Pin Current
VSHDN1 = 2.5V
4
10
µA
SHDN2 Pin Current
VSHDN2 = 2.5V
4
10
µA
SHDN1/SHDN2 Start-Up Threshold
0.3
1
1.5
V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3463/LT3463A are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 11) IS GND
AND MUST BE SOLDERED TO PCB
LAFC
LBJK
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
FB1
SHDN1
SHDN2
VREF
FB2
VOUT1
SW1
VIN
SW2
D2
11
operating ambient temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: Bias current flows into the FB1 pin.
Note 4: Bias current flows out of the FB2 pin.


Similar Part No. - LPO4812

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LPO4812 ONSEMI-LPO4812 Datasheet
162Kb / 16P
   Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Coilcraft lnc.
LPO4812 COILCRAFT-LPO4812 Datasheet
209Kb / 2P
   SMT Power Inductors
LPO4812-102ML COILCRAFT-LPO4812-102ML Datasheet
218Kb / 2P
   SMT Power Inductors
LPO4812-102ML COILCRAFT-LPO4812-102ML Datasheet
209Kb / 2P
   SMT Power Inductors
LPO4812-103KL COILCRAFT-LPO4812-103KL Datasheet
218Kb / 2P
   SMT Power Inductors
More results

Similar Description - LPO4812

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3463 LINER-LT3463_15 Datasheet
198Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
LT3463A LINER-LT3463A_15 Datasheet
198Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
   Inverting Micropower DC/DC Converter with Schottky
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com