Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS512PC0JF3HL3 Datasheet(PDF) 3 Page - SPANSION

Part # S71WS512PC0JF3HL3
Description  1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512PC0JF3HL3 Datasheet(HTML) 3 Page - SPANSION

  S71WS512PC0JF3HL3 Datasheet HTML 1Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 2Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 3Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 4Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 5Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 6Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 7Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 8Page - SPANSION S71WS512PC0JF3HL3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not design
in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71WS-P_00
Revision A
Amendment 2
Issue Date August 21, 2006
Features
Power supply voltage of 1.7 to 1.95V
Flash access time: 80 ns, 25 ns
Flash burst frequencies: 66 MHz, 80 MHz, 108 MHz
pSRAM Access time: 70 ns, 20 ns
pSRAM burst frequency: 66 MHz, 80 MHz, 104 MHz
Package:
– 8.0 x 11.6 mm MCP
Operating Temperature
– –25°C to +85°C (wireless)
The S71WS series is a product line of stacked packages and consists of:
One or two S29WS-P NOR flash memory die
CellularRAM die
The products covered by this document are listed in the table below.
Note:
For a full list of OPNs, please contact the local sales representative or refer to the Ordering Information valid combinations tables.
For detailed specifications, please refer to the individual data sheets.
S71WS-P based MCP Products
1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode
Flash Memory with CellularRAM
Data Sheet (Advance Information)
Device
CellularRAM Density (Mb)
64 Mb
128 Mb
S29WS512P
S71WS512PC0
S71WS512PD0
Document
Publication Identification Number (PID)
S29WS-P
S29WS-P_00
128 M CellularRAM Type 2
Cellram_04
64 M CellularRAM Type 2
Cellram_07


Similar Part No. - S71WS512PC0JF3HL3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS512P SPANSION-S71WS512P Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
S71WS512PD0HFFLW0 SPANSION-S71WS512PD0HFFLW0 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0HFFLW2 SPANSION-S71WS512PD0HFFLW2 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0HFFLW3 SPANSION-S71WS512PD0HFFLW3 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS512PD0JFFLW0 SPANSION-S71WS512PD0JFFLW0 Datasheet
463Kb / 15P
   based MCP/POP Products
More results

Similar Description - S71WS512PC0JF3HL3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com