Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH31C Datasheet(PDF) 3 Page - Linear Integrated Systems

Part # LQH31C
Description  Dual Micropower DC/DC Converters with Schottky Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LQH31C Datasheet(HTML) 3 Page - Linear Integrated Systems

  LQH31C Datasheet HTML 1Page - Linear Integrated Systems LQH31C Datasheet HTML 2Page - Linear Integrated Systems LQH31C Datasheet HTML 3Page - Linear Integrated Systems LQH31C Datasheet HTML 4Page - Linear Integrated Systems LQH31C Datasheet HTML 5Page - Linear Integrated Systems LQH31C Datasheet HTML 6Page - Linear Integrated Systems LQH31C Datasheet HTML 7Page - Linear Integrated Systems LQH31C Datasheet HTML 8Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LT3463/LT3463A
3463f
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S
VOUT1 (Pin 1): Output Voltage Switcher 1. This is the
cathode of an internal Schottky diode whose anode is
connected to the SW1 pin.
SW1 (Pin 2): Switch Pin for Switcher 1. This is the
collector of the internal NPN switch. Minimize the metal
trace area connected to this pin to minimize EMI.
VIN (Pin 3): Input Supply Pin. Bypass this pin with a
capacitor as close to the device as possible.
SW2 (Pin 4): Switch Pin for Switcher 2. This is the
collector of the internal NPN switch. Minimize the metal
trace area connected to this pin to minimize EMI.
D2 (Pin 5): Diode for Switcher 2. This is the anode of an
internal Schottky diode whose cathode connected to the
GND pin.
FB2 (Pin 6): Feedback Pin for Switcher 2. Set the output
voltage by selecting values for R3 and R4.
VREF (Pin 7): Voltage Reference Pin (1.25V). This pin is
used along with FB2 to set the negative output voltage for
Switcher 2.
SHDN2 (Pin 8): Shutdown Pin for Switcher 2. Pull this pin
above 1.5V to enable Switcher 2. Pull below 0.3V to turn
it off. Do not leave this pin floating.
VCESAT and VDIODE Voltage
VREF and VFB1 Voltage
VFB2 Voltage
Switch Off Time
Switch Current Limit
Quiescent Current
900
800
700
600
500
400
300
200
100
0
3463 G01
TEMPERATURE (
°C)
–50
100
050
–25
25
75
125
IDIODE = 150mA
ISWITCH = 150mA
FOR BOTH SWITCHERS
1.27
1.26
1.25
1.24
1.23
1.22
3463 G02
TEMPERATURE (
°C)
–50
100
050
–25
25
75
125
VREF
VFB1
10
8
6
4
2
0
3463 G03
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
TEMPERATURE (
°C)
–50
100
3463 G04
050
400
350
300
250
200
150
100
50
0
–25
25
75
125
TEMPERATURE (
°C)
–50
100
3463 G05
050
450
400
350
300
250
200
150
100
50
0
–25
25
75
125
LT3463 SW1, SW2
LT3463A SW1
LT3463A SW2
TEMPERATURE (
°C)
–50
60
50
40
30
20
10
0
25
75
3463 G06
–25
0
50
100
125
NOT SWITCHING
VFB1 = 1.3V
VFB2 = –0.1V


Similar Part No. - LQH31C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LQH31CN100 DIODES-LQH31CN100 Datasheet
144Kb / 12P
   ADJUSTABLE DC - DC BOOST CONVERTER WITH INTERNAL SWITCH
LQH31CN100 DIODES-LQH31CN100 Datasheet
191Kb / 12P
   ADJUSTABLE DC-DC BOOST CONVERTER WITH INTERNAL SWITCH IN
logo
Murata Manufacturing Co...
LQH31CN100K03 MURATA-LQH31CN100K03 Datasheet
47Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH31C Series (1206 Size)
LQH31CN100K03L MURATA-LQH31CN100K03L Datasheet
47Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH31CN101K03 MURATA-LQH31CN101K03 Datasheet
47Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke) LQH31C Series (1206 Size)
More results

Similar Description - LQH31C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3463 LINER-LT3463_15 Datasheet
198Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
LT3463A LINER-LT3463A_15 Datasheet
198Kb / 8P
   Dual Micropower DC/DC Converters with Schottky Diodes
LT3483 LINER-LT3483_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
LT3483A LINER-LT3483A_15 Datasheet
956Kb / 12P
   Inverting Micropower DC/DC Converters with Schottky
logo
Unisonic Technologies
UC2306 UTC-UC2306_15 Datasheet
511Kb / 12P
   MICROPOWER DC/DC CONVERTERS
UC2306 UTC-UC2306 Datasheet
506Kb / 12P
   MICROPOWER DC/DC CONVERTERS WITH LOW-BATTERY DETECTOR
logo
Linear Technology
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
logo
Linear Integrated Syste...
LT1615IS5-1 LINEAR-LT1615IS5-1 Datasheet
148Kb / 8P
   Micropower Step-Up DC/DC Converters
logo
Linear Technology
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT3483 LINER-LT3483 Datasheet
146Kb / 12P
   Inverting Micropower DC/DC Converter with Schottky
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com