Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ317CW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ317CW
Description  3-Terminal Adjustable Output Positive Voltage Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ317CW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ317CW Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 8Page - List of Unclassifed Manufacturers PJ317CW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PJ317
3-Terminal Adjustable Output Positive Voltage Regulator
2-11
2002/10.rev.A
RATING
SYMBOL
VALUE
UNIT
Input-Output Voltage Differential
VI - VO
40
Vdc
Power Dissipation
PD
Internally Limited
Operating Junction Temperature Range
TJ
-20 to + 85
Storage Temperature Range
Tstg
-65 to +150
(VI -VO = 5.0 V; IO = 0.5A for TO-220 packages; TJ =Tlow to Thigh [see Note 1]; Imax and Pmax per Note 2; unless otherwise
specified.)
CHARACTERISTIC
FIGURE
SYMBOL
MIN.
TYP.
MAX.
UNIT
Line Regulation (Note 3)
TA = 25º C, 3.0 V ≤ VI -VO ≤ 40 V
1
REGline
--
0.01
0.04
%/V
Load Regulation (Note 3)
TA = 25℃, 10 mA ≤ IO ≤ Imax , VO 5.0
VO ≥ 5.0
2
REGload
--
--
5.0
0.1
25
0.5
mV
%V
Thermal Regulation (TA = 25℃) 20 ms Pulse
--
0.03
0.07
%W
Adjustment Pin Current
3
IAdj
--
50
100
µA
Adjustment Pin Current Change , PD Pmax
10mA IL Imax, 2.5V VI - VO 40V
1.2
IAdj
--
0.2
5.0
µA
Reference Voltage (Note 4) , PD Pmax
10mA Io Imax,, 3.0 V VI - VO 40 V
3
Vref
1.20
1.25
1.30
V
Line Regulation (Note 3) , 3.0 V VI - VO 40V
1
REGline
--
0.02
0.07
%V
Current Limit (VIN-VOUT) ≤15V
Package CZ,CM
Package CW
Package CP
Package CS
Package CT
1.5
1
0.5
0.3
0.1
A
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
3
TS
--
1
--
%
Minimum Load Current to
Maintain Regulation , (VI - VO = 40 V)
3
ILmin
--
3.5
10
mA
RMS Noise, % of VO
TA =25℃, 10 HZ ≤ f ≤ 10 KHZ
--
N
--
0.003
--
%
Long-Term Stability, TJ = Thigh (Note 6)
TA =25℃ for Endpoint Measurements ,1000hrs
3
S
--
0.3
1.0
%
Thermal Resistance Junction to Case
--
RθJC
--
5.0
--
/W
NOTES:
(1) Tlow = -20℃
Thigh = + 85℃
(2) Imax = 1.5 A
Pmax : TO-220=20W, TO-263=3W, TO-252=2W, SOP-8=0.625W, TO-92=0.625W, SOT-
23=0.625W
(3) Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.
(4) Selected devices with tightened tolerance reference voltage available.
(5) CAdj, when used, is connected between the adjustment pin and ground.
(6) Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering
estimate of average stability from lot to lot.
MAXIMUM RATINGS
PJ317 ELECTRICAL CHARACTERISTICS


Similar Part No. - PJ317CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ31002 ETC1-PJ31002 Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
PJ31002CD ETC1-PJ31002CD Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
PJ31002CS ETC1-PJ31002CS Datasheet
120Kb / 5P
   Tone Ringer For Telephone Set
More results

Similar Description - PJ317CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS317CP ETC-TS317CP Datasheet
438Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS317L TSC-TS317L Datasheet
311Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulator
TS317 TSC-TS317 Datasheet
401Kb / 8P
   3-Terminal Adjustable Output Positive Voltage Regulator
logo
New Japan Radio
NJM317 NJRC-NJM317 Datasheet
260Kb / 8P
   ADJUSTABLE 3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS317 TSC-TS317_10 Datasheet
666Kb / 14P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_07 Datasheet
743Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_14 Datasheet
496Kb / 10P
   3-Terminal Adjustable Positive Voltage Regulator
TS317L TSC-TS317L_08 Datasheet
214Kb / 11P
   3-Terminal Adjustable Positive Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL317L BELLING-BL317L Datasheet
426Kb / 6P
   3-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com