Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM29LV001B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IM29LV001B
Description  1 M Bit (128K x 8) 3.3V-Only Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IM29LV001B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IM29LV001B Datasheet HTML 3Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 4Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 5Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 6Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 7Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 8Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 9Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 10Page - List of Unclassifed Manufacturers IM29LV001B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary Specification
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27
Integrated Memory Technologies, Inc.
2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
IMT
b) Write Characteristics:
Parameter
Description
IM29LV001-55
IM29LV001-70
IM29LV001-90 IM29LV001-120
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tWC
Write command cycle time
55
70
90
120
ns
tAS
Address setup time
0
0
0
0
ns
tAH
Address hold time
35
45
55
60
ns
tDS
Data setup time
20
30
40
45
ns
tDH
Data hold time
0
0
0
0
ns
tOES
OE# setup time
0
0
0
0
ns
tOEH
OE# hold time
0
0
0
0
ns
tCS
CE# setup time
0
0
0
0
ns
tCH
CE# hold time
0
0
0
0
ns
tCP
CE# write pulse width
25
35
45
50
ns
tCPH
CE# write pulse width high
20
30
30
35
ns
tWS
WE# setup time
0
0
0
0
ns
tWH
WE# hold time
0
0
0
0
ns
tWP
WE# write pulse width
25
35
45
50
ns
tWPH
WE# write pulse width high
20
30
30
35
ns
tWHWH1
Byte programming time
30
30
30
30
µs
tWHWH2
Page erase time
9
9
9
9
ms
tWHWH3
Chip erase time
3
3
3
3
s
tCEP
CE# access time for Data#
Polling and Toggle bit read
55
70
90
120
ns
tOEP
OE# access time for Data#
Polling and Toggle bit read
25
35
45
60
ns
Test Conditions
Input rise and fall time ……………………………… 5 ns
Input pulse levels……………………………………. 0.0 V to 3.0 V
Timing measurement reference level
Input…………………………………………. 1.5 V
Output……………………………………….. 1.5 V
Output loading
55ns and 70 ns parts…………………….. 1 TTL load + 30 pF
90 ns and 120 ns parts…………………… 1 TTL load + 100 pF


Similar Part No. - IM29LV001B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IM2000S ETC-IM2000S Datasheet
142Kb / 16P
   HIGH PERFORMANCE MICROSTEPPING STEP MOTOR CONTROLLER
logo
VBsemi Electronics Co.,...
IM2132 VBSEMI-IM2132 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Tyco Electronics
IM21GR MACOM-IM21GR Datasheet
2Mb / 28P
   IM Series Signal Relays
IM21TS MACOM-IM21TS Datasheet
2Mb / 28P
   IM Series Signal Relays
IM22GR MACOM-IM22GR Datasheet
2Mb / 28P
   IM Series Signal Relays
More results

Similar Description - IM29LV001B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV010 EON-EN29LV010 Datasheet
401Kb / 35P
   1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com