Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFM210A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # IRFM210A
Description  Advanced Power MOSFET (200V, 1.5ohm, 0.77A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFM210A Datasheet(HTML) 6 Page - Fairchild Semiconductor

  IRFM210A Datasheet HTML 1Page - Fairchild Semiconductor IRFM210A Datasheet HTML 2Page - Fairchild Semiconductor IRFM210A Datasheet HTML 3Page - Fairchild Semiconductor IRFM210A Datasheet HTML 4Page - Fairchild Semiconductor IRFM210A Datasheet HTML 5Page - Fairchild Semiconductor IRFM210A Datasheet HTML 6Page - Fairchild Semiconductor IRFM210A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
N-CHANNEL
POWER MOSFET
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
V
DS
+
--
L
I
S
Driver
V
GS
R
G
Same Type
as DUT
V
GS
•dv/dt controlled by “R
G
•I
S controlled by Duty Factor “D”
V
DD
10V
V
GS
( Driver )
I
S
( DUT )
V
DS
( DUT )
V
DD
Body Diode
Forward Voltage Drop
V
f
I
FM , Body Diode Forward Current
Body Diode Reverse Current
I
RM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
IRFM210A


Similar Part No. - IRFM210A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFM210 FAIRCHILD-IRFM210 Datasheet
705Kb / 8P
   200V N-Channel MOSFET
IRFM210B FAIRCHILD-IRFM210B Datasheet
705Kb / 8P
   200V N-Channel MOSFET
More results

Similar Description - IRFM210A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD210 IRF-IRFD210 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.60A)
IRF9620S IRF-IRF9620S Datasheet
165Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
IRFI9620G IRF-IRFI9620G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.0A)
IRFR210 IRF-IRFR210 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=2.6A)
IRFR9220 IRF-IRFR9220 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.6A)
IRFD9220 IRF-IRFD9220 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-0.56A)
IRF9620 IRF-IRF9620 Datasheet
160Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=1.5ohm, Id=-3.5A)
IRFL210 IRF-IRFL210 Datasheet
182Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=1.5ohm, Id=0.96A)
JANTX2N6784 IRF-JANTX2N6784 Datasheet
233Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=1.5ohm, Id=2.25A)
logo
Fairchild Semiconductor
IRFS240A FAIRCHILD-IRFS240A Datasheet
261Kb / 7P
   Advanced Power MOSFET (200V, 0.18ohm, 12.8A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com