Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS450A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # IRFS450A
Description  Advanced Power MOSFET (500V, 0.4ohm, 9.6A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFS450A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  IRFS450A Datasheet HTML 1Page - Fairchild Semiconductor IRFS450A Datasheet HTML 2Page - Fairchild Semiconductor IRFS450A Datasheet HTML 3Page - Fairchild Semiconductor IRFS450A Datasheet HTML 4Page - Fairchild Semiconductor IRFS450A Datasheet HTML 5Page - Fairchild Semiconductor IRFS450A Datasheet HTML 6Page - Fairchild Semiconductor IRFS450A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IRFS450A
-75
-50
-25
0
25
50
75
100
125
150
175
0.8
0.9
1.0
1.1
1.2
@ Notes :
1. V
GS = 0 V
2. I
D = 250 µA
T
J
, Junction Temperature [
oC]
-75-50-25
0
25
50
75
100125150175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
@ Notes :
1. V
GS = 10 V
2. I
D = 7 A
T
J
, Junction Temperature [
oC]
25
50
75
100125150
0
2
4
6
8
10
T
c
, Case Temperature [
oC]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
single pulse
0.2
0.1
0.01
0.02
0.05
D=0.5
@ Notes :
1. Z
θ JC
(t)=1.3
o C/W Max.
2. Duty Factor, D=t
1 /t2
3. T
JM -TC =PDM *Z
θ JC
(t)
t
1
, Square Wave Pulse Duration
[sec]
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
DC
10
µs
100
µs
1 ms
10 ms
@ Notes :
1. T
C
= 25
oC
2. T
J = 150
oC
3. Single Pulse
Operation in This Area
is Limited by R
DS(on)
V
DS
, Drain-Source Voltage [V]
1&+$11(/
32:(5 026)(7
Fig 7. Breakdown Voltage vs. Temperature
Fig 8. On-Resistance vs. Temperature
Fig 11. Thermal Response
Fig 10. Max. Drain Current vs. Case Temperature
Fig 9. Max. Safe Operating Area
P
DM
t
1
t
2


Similar Part No. - IRFS450A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS450A ISC-IRFS450A Datasheet
64Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - IRFS450A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ45 INTERSIL-BUZ45 Datasheet
12Kb / 1P
   9.6A, 500V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
Will Semiconductor Ltd.
WNM3032 WILLSEMI-WNM3032 Datasheet
1Mb / 8P
   Single N-Channel, 30V, 9.6A , Power MOSFET
logo
International Rectifier
IRF520V IRF-IRF520V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
logo
Rohm
R5009FNJ ROHM-R5009FNJ Datasheet
3Mb / 14P
   Nch 500V 9A Power MOSFET
R5016FNJ ROHM-R5016FNJ Datasheet
3Mb / 14P
   Nch 500V 16A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com