Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S72NS256NE0ZJW7J2 Datasheet(PDF) 3 Page - SPANSION

Part # S72NS256NE0ZJW7J2
Description  Based MCPs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72NS256NE0ZJW7J2 Datasheet(HTML) 3 Page - SPANSION

  S72NS256NE0ZJW7J2 Datasheet HTML 1Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 2Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 3Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 4Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 5Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 6Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 7Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 8Page - SPANSION S72NS256NE0ZJW7J2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S72NS128_256ND0_00
Revision B Amendment 1 Issue Date November 9, 2005
General Description
This document contains information on the S72NS-N MCP product family. Refer to the S29NS-N
data sheet (S29NS256/128N_01, revision A4) for full electrical specifications of the Flash memory
component. Refer to the DDR SDRAM Type 1 data sheet (revision A2) for full electrical specifica-
tions of the DDR SDRAM component. Refer to the DDR SDRAM Type 5 data sheet (revision A0)
for full electrical specifications of the DDR SDRAM component
The S72NS Series is a product line of stacked Multi-Chip Product (MCP) products and consists of:
One or more NS family multiplexed Flash memory die
DDR DRAM
The products covered by this document are listed in the table below.
Distinctive Characteristics
Product Selector Guide
S72NS-N Based MCPs
Stacked Multi-Chip Product (MCP) MirrorBitTMFlash Memory & DRAM
128/256 Mb (8/16 M x 16 bit), 110nm CMOS 1.8 Volt-only,
Multiplexed, Simultaneous Read/Write, Burst Mode Flash Memory
and 128/256-Mb (8/16-M x 16-bit) DDR DRAM
Data Sheet
ADVANCE
INFORMATION
Flash Density
DRAM Density
128 Mb
256 Mb
128 Mb
S72NS128ND0
S72NS256ND0
256 Mb
S72NS256ND0
512 Mb
S72NS512ND0
S72NS512NE0
Device- Model#
Flash Density
DRAM Density
Flash Speed (MHz)
DRAM Speed (MHz)
Supplier
Package
S72NS256ND0-7K
256 Mb
128 Mb
66
133
DRAM
Type 1
NLC133,
11x10mm
S72NS256ND0-7J
80
S72NS256ND0-73
66
DRAM
Type 5
S72NS256ND0-72
80
S72NS128ND0-1K
128 Mb
128 Mb
66
DRAM
Type 1
NLE133,
8x8mm
S72NS128ND0-1J
80
S72NS128ND0-13
66
DRAM
Type 5
S72NS128ND0-12
80
S72NS512ND0-7K
512 Mb
128 Mb
66
133
DRAM
Type 1
MTA133
11x10mm
S72NS512ND0-7J
80
S72NS512ND0-73
66
DRAM
Type 5
S72NS512ND0-72
80
S72NS512NE0-7K
512 Mb
256 Mb
66
DRAM
Type 1
S72NS512NE0-7J
80
S72NS512NE0-73
66
DRAM
Type 5
S72NS512NE0-72
80
MCP Features
Power supply voltage of 1.7 V to 1.95 V
Burst Speeds
— Flash = 66 MHz, 80 MHz
— DRAM = 133 MHz
Packages, 133-ball FBGA
— 11.0 x 10.0 x 1.0 mm
— 8.0 x 8.0 x 1.0 mm
Operating Temperature of 25°C to +85°C


Similar Part No. - S72NS256NE0ZJW7J2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS256PD0 SPANSION-S72NS256PD0 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC SPANSION-S72NS256PD0AJBGC Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC0 SPANSION-S72NS256PD0AJBGC0 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC2 SPANSION-S72NS256PD0AJBGC2 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S72NS256PD0AJBGC3 SPANSION-S72NS256PD0AJBGC3 Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
More results

Similar Description - S72NS256NE0ZJW7J2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
   MirrorBit MCPs
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
   Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
   Polyester based
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
   Secure web-based and SNMP-based management
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com