Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMA200 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # KMA200
Description  Programmable angle sensor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KMA200 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button KMA200 Datasheet HTML 7Page - NXP Semiconductors KMA200 Datasheet HTML 8Page - NXP Semiconductors KMA200 Datasheet HTML 9Page - NXP Semiconductors KMA200 Datasheet HTML 10Page - NXP Semiconductors KMA200 Datasheet HTML 11Page - NXP Semiconductors KMA200 Datasheet HTML 12Page - NXP Semiconductors KMA200 Datasheet HTML 13Page - NXP Semiconductors KMA200 Datasheet HTML 14Page - NXP Semiconductors KMA200 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
9397 750 11399
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 05 — 16 August 2005
11 of 31
Philips Semiconductors
KMA200
Programmable angle sensor
8.
Digital output (SPI)
Standard digital output
If the standard digital output mode is configured, output data can be read with the serial
interface. Figure 7 shows the timing diagram of an interface access. The access is
enclosed by a high-low and low-high transition of CS.
DATA are clocked out at the falling edge of CLK and should be evaluated at the rising
edge. The output data consist of 3 bytes (24 bits). The first two data bytes contain an error
flag and 13 bits of angle information. The last data byte contains the measured
temperature as 7-bit value. Every byte features a parity bit (odd parity).
The data transmission can be interrupted at any time by deactivating CS. If, for instance,
the temperature information is not desired, the data transfer can be finished by
deactivating CS after reading the first two data bytes.
If the error flag is 0, the 13 angle data bits contain the most significant bits of the
calculated angle. If the error flag is 1, an error condition was detected. The two least
significant angle data bits (A[1:0]) are replaced by an error code. All other angle data bits
(A[12:2]) still show the current measurement value. Depending on the special error case,
the measurement values are reliable or not. Error codes are described in Table 8.
The output driver of the DATA pin is slew-rate limited. The rise and fall times of the DATA
output can be programmed with the SL bit (ctrl EEPROM constant).
Complementary digital output
In complementary digital output mode the data transmitted is identical to the output data in
standard digital output mode except that the angle and temperature information data bits
are logically inverted. The error flag and the error code in bits A[1:0] when the error flag is
set are coded as in case of standard digital output. The parity bits also use odd parity as
standard digital output mode.
Fig 7.
Digital output coding
006aaa302
CS
CLK
DATA
angle (MSBs)
angle (LSBs)
temperature
DATA HIGH-Z (HIGH by internal weak pullup)
Parity bits (odd parity)
Error flag
13-bit angle data
7-bit temperature data
P2, P1, P0
EF
A12 to A0
T6 to T0
P2
A12
A11
EF
A7
A6
A5
P1
A0
T6
T5
P0
T0


Similar Part No. - KMA200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA200 PHILIPS-KMA200 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
More results

Similar Description - KMA200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KMA199E NXP-KMA199E Datasheet
166Kb / 31P
   Programmable angle sensor
Rev. 01-18 October 2007
KMA221 NXP-KMA221 Datasheet
566Kb / 36P
   Programmable angle sensor
Rev. 1-16 July 2013
KMA199 NXP-KMA199 Datasheet
595Kb / 36P
   Programmable angle sensor
Rev. 01-26 April 2010
KMA200 NXP-KMA200 Datasheet
163Kb / 32P
   Programmable angle sensor
Rev. 07-18 July 2008
KMA210-115 NXP-KMA210-115 Datasheet
591Kb / 37P
   Programmable angle sensor
Rev. 2-7 December 2011
KMA200 PHILIPS-KMA200_11 Datasheet
278Kb / 33P
   Programmable angle sensor
Rev. 8-7 December 2011
logo
Micronas
HAL3625 MICRONAS-HAL3625 Datasheet
215Kb / 2P
   Programmable Direct Angle Sensor
logo
NXP Semiconductors
KMA310 NXP-KMA310 Datasheet
888Kb / 71P
   Programmable angle sensor IC
Rev. 3-27 February 2019
KMZ80 NXP-KMZ80 Datasheet
937Kb / 71P
   Programmable angle sensor IC
Rev. 2.1-4 July 2018
KMA321 NXP-KMA321_V01 Datasheet
1Mb / 71P
   Programmable angle sensor IC
Rev. 6 ??18 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com