Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KVR533D2S8F4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KVR533D2S8F4
Description  Memory Module Specifications (512MB 64M x 72-BIT PC2-4200 CL4 ECC 240-Pin FBDIMM)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KVR533D2S8F4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KVR533D2S8F4 Datasheet HTML 1Page - List of Unclassifed Manufacturers KVR533D2S8F4 Datasheet HTML 2Page - List of Unclassifed Manufacturers KVR533D2S8F4 Datasheet HTML 3Page - List of Unclassifed Manufacturers KVR533D2S8F4 Datasheet HTML 4Page - List of Unclassifed Manufacturers KVR533D2S8F4 Datasheet HTML 5Page - List of Unclassifed Manufacturers KVR533D2S8F4 Datasheet HTML 6Page - List of Unclassifed Manufacturers KVR533D2S8F4 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Memory Module Specifications
VALUERAM0502-001.A00
08/28/06
Page 1
This document describes ValueRAM's 512MB (64M x 72-bit) PC2-4200 CL4 SDRAM (Synchronous DRAM) "fully
buffered" ECC "single rank" “Intel Certified” memory module. This module is based on nine 64M x 8-bit 533MHz
DDR2 FBGA components. The module also includes an AMB device (Advanced Memory Buffer). The electrical
and mechanical specifications are as follows:
Description:
KVR533D2S8F4/512I
512MB 64M x 72-Bit PC2-4200
CL4 ECC 240-Pin FBDIMM
·
FBDIMM Module: 240-pin
·
JEDEC Standard: R/C A
·
Memory Organization: 1 rank of x8 devices
·
DDR2 DRAM Interface: SSTL_18
·
DDR2 Speed Grade: 533 Mbps
·
CAS Latency: 4-4-4
·
Module Bandwidth: 4.2 GB/s
·
DRAM: VDD = VDDQ = 1.8V
·
AMB: VCC = VCCFBD = 1.5V
·
EEPROM: VDDSPD = 3.3V (typical)
·
Heat Spreader: Full DIMM Heat Spreader (FDHS)
·
PCB Height: 30.35mm, double-side
·
RoHS Compliant
Feature:


Similar Part No. - KVR533D2S8F4

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KVR-5R0C105-R EATON-KVR-5R0C105-R Datasheet
608Kb / 5P
   KVR Supercapacitors
May 2022
KVR-5R0C155-R EATON-KVR-5R0C155-R Datasheet
608Kb / 5P
   KVR Supercapacitors
May 2022
KVR-5R0H105-R EATON-KVR-5R0H105-R Datasheet
608Kb / 5P
   KVR Supercapacitors
May 2022
KVR-5R0H155-R EATON-KVR-5R0H155-R Datasheet
608Kb / 5P
   KVR Supercapacitors
May 2022
KVR-5R0V105-R EATON-KVR-5R0V105-R Datasheet
608Kb / 5P
   KVR Supercapacitors
May 2022
More results

Similar Description - KVR533D2S8F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR266X64SC25 ETC2-KVR266X64SC25 Datasheet
81Kb / 1P
   MEMORY MODULE SPECIFICATION 512MB 64M x 64-BIT DDR266 CL2.5 200-PIN SODIMM
logo
Mosel Vitelic, Corp
V437464S24V MOSEL-V437464S24V Datasheet
318Kb / 12P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437464Q24V MOSEL-V437464Q24V Datasheet
322Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
logo
Samsung semiconductor
M378T3354BG3-CD5 SAMSUNG-M378T3354BG3-CD5 Datasheet
466Kb / 22P
   240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC
logo
List of Unclassifed Man...
KVR667D2D4F5-8G ETC2-KVR667D2D4F5-8G Datasheet
378Kb / 7P
   8GB 1024M x 72-Bit PC2-5300
KVR667D2D4F5-4G ETC2-KVR667D2D4F5-4G Datasheet
424Kb / 7P
   4GB 512M x 72-Bit PC2-5300
logo
Mosel Vitelic, Corp
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
logo
List of Unclassifed Man...
KVR400X64C3A ETC2-KVR400X64C3A Datasheet
100Kb / 1P
   512MB 64M x 64-Bit DDR400 CL3 184-Pin DIMM
KVR133X64C2512 ETC1-KVR133X64C2512 Datasheet
32Kb / 1P
   512MB 64M x 64-Bit PC133 CL2 Low Profile 168-Pin Dimm Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com